công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSOP1736RF1 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix |
|
TSOP1736RF1 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix |
1 / 8 page TSOP17..RF1 Vishay Telefunken 1 (8) Rev. 9, 02-Apr-01 www.vishay.com Document Number 82036 Photo Modules for PCM Remote Control Systems Available types for different carrier frequencies Type fo Type fo TSOP1730RF1 30 kHz TSOP1733RF1 33 kHz TSOP1736RF1 36 kHz TSOP1737RF1 36.7 kHz TSOP1738RF1 38 kHz TSOP1740RF1 40 kHz TSOP1756RF1 56 kHz Description The TSOP17..RF1 – series are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. TSOP17.... is the standard IR remote control receiver series, supporting all major transmission codes. 13 640 Features D Photo detector and preamplifier in one package D Internal filter for PCM frequency D Improved shielding against electrical field disturbance D TTL and CMOS compatibility D Output active low D Low power consumption D High immunity against ambient light D Continuous data transmission possible (up to 2400 bps) D Suitable burst length ≥10 cycles/burst Block Diagram 94 8136 PIN Input AGC Control Circuit Band Pass Demodu- lator 80 k W 1 2 3 VS OUT GND |
Số phần tương tự - TSOP1736RF1 |
|
Mô tả tương tự - TSOP1736RF1 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |