công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSOP1333TB1 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện TSOP1333TB1
Giải thích chi tiết về linh kiện  Photo Modules for PCM Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1333TB1 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  TSOP1333TB1 Datasheet HTML 1Page - Vishay Siliconix TSOP1333TB1 Datasheet HTML 2Page - Vishay Siliconix TSOP1333TB1 Datasheet HTML 3Page - Vishay Siliconix TSOP1333TB1 Datasheet HTML 4Page - Vishay Siliconix TSOP1333TB1 Datasheet HTML 5Page - Vishay Siliconix TSOP1333TB1 Datasheet HTML 6Page - Vishay Siliconix TSOP1333TB1 Datasheet HTML 7Page - Vishay Siliconix TSOP1333TB1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSOP13..TB1
Vishay Telefunken
1 (8)
Rev. 5, 29-Mar-01
www.vishay.com
Document Number 82027
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP1330TB1
30 kHz
TSOP1333TB1
33 kHz
TSOP1336TB1
36 kHz
TSOP1337TB1
36.7 kHz
TSOP1338TB1
38 kHz
TSOP1340TB1
40 kHz
TSOP1356TB1
56 kHz
Description
The TSOP13..TB1– series are miniaturized receivers
for infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. The main benefit is the
reliable function even in disturbed ambient and the
protection against uncontrolled output pulses.
94 8692
GND
VS
OUT
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D Improved shielding against electrical field
disturbance
D TTL and CMOS compatibility
D Output active low
D Low power consumption
D Suitable burst length ≥6 cycles/burst
Special Features
D Enhanced immunity against all kinds of
disturbance light
D No occurrence of disturbance pulses at the
output
D Improved immunity against EMI from TV picture
tube
Block Diagram
94 8136
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
80 k
W
1
2
3
VS
OUT
GND


Số phần tương tự - TSOP1333TB1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TSOP1333 VISHAY-TSOP1333 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 6, 29-Mar-01
TSOP13330 VISHAY-TSOP13330 Datasheet
274Kb / 9P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
TSOP13330DF1P VISHAY-TSOP13330DF1P Datasheet
598Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
TSOP13330P10TR VISHAY-TSOP13330P10TR Datasheet
404Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
TSOP13330P16TR VISHAY-TSOP13330P16TR Datasheet
404Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
More results

Mô tả tương tự - TSOP1333TB1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com