công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC16245ABQ bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện 74LVC16245ABQ
Giải thích chi tiết về linh kiện  16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16245ABQ bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC16245ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC16245ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC16245ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC16245ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC16245ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVC16245ABQ Datasheet HTML 12Page - NXP Semiconductors 74LVC16245ABQ Datasheet HTML 13Page - NXP Semiconductors 74LVC16245ABQ Datasheet HTML 14Page - NXP Semiconductors 74LVC16245ABQ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
11 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Measurement points are given in Table 8.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
3-state enable and disable times.
mna362
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 8.
Measurement points
Supply voltage
Input
Output
VCC
VI
VM
VM
VX
VY
1.2 V
VCC
0.5
× VCC
0.5
× VCC
VOL + 0.1 V
VOH − 0.1 V
2.7 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
3.0 V to 3.6 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V


Số phần tương tự - 74LVC16245ABQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74LVC16245A NEXPERIA-74LVC16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC16245ADGG PHILIPS-74LVC16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Integrated Circuit Syst...
74LVC16245ADGG ICST-74LVC16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results

Mô tả tương tự - 74LVC16245ABQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com