công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSOP1138CB1 bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện TSOP1138CB1
Giải thích chi tiết về linh kiện  Photo Modules for PCM Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1138CB1 bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  TSOP1138CB1 Datasheet HTML 1Page - Vishay Siliconix TSOP1138CB1 Datasheet HTML 2Page - Vishay Siliconix TSOP1138CB1 Datasheet HTML 3Page - Vishay Siliconix TSOP1138CB1 Datasheet HTML 4Page - Vishay Siliconix TSOP1138CB1 Datasheet HTML 5Page - Vishay Siliconix TSOP1138CB1 Datasheet HTML 6Page - Vishay Siliconix TSOP1138CB1 Datasheet HTML 7Page - Vishay Siliconix TSOP1138CB1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TSOP11..CB1
Vishay Telefunken
3 (8)
Rev. 3, 29-Mar-01
www.vishay.com
Document Number 82148
Suitable Data Format
The circuit of the TSOP11..CB1 is designed in that way
that unexpected output pulses due to noise or
disturbance signals are avoided. A bandpassfilter, an
integrator stage and an automatic gain control are
used to suppress such disturbances.
The distinguishing mark between data signal and
disturbance signal are carrier frequency, burst length
and duty cycle.
The data signal should fullfill the following condition:
• Carrier frequency should be close to center
frequency of the bandpass (e.g. 38kHz).
• Burst length should be 6 cycles/burst or longer.
• After each burst which is between 6 cycles and 70
cycles a gap time of at least 10 cycles is neccessary.
• For each burst which is longer than 1.8ms a
corresponding gap time is necessary at some time in
the data stream. This gap time should have at least
same length as the burst.
• Up to 2200 short bursts per second can be received
continuously.
Some examples for suitable data format are:
NEC Code, Toshiba Micom Format, Sharp Code, RC5
Code, RC6 Code, RCMM Code, R–2000 Code,
RECS–80 Code.
When a disturbance signal is applied to the
TSOP11..CB1 it can still receive the data signal.
However the sensitivity is reduced to that level that no
unexpected pulses will occure.
Some examples for such disturbance signals which
are suppressed by the TSOP11..CB1 are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signal at 38kHz or at any other
frequency
• Signals from fluorescent lamps with electronic
ballast (an example of the signal modulation is in the
figure below).
0
5
10
15
20
time [ms]
IR Signal from Fluorescent Lamp with low Modulation


Số phần tương tự - TSOP1138CB1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TSOP1138 VISHAY-TSOP1138 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 8, 29-Mar-01
TSOP1138GL1 VISHAY-TSOP1138GL1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 29-Mar-01
TSOP1138KA1 VISHAY-TSOP1138KA1 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 7, 29-Mar-01
TSOP1138KA1 VISHAY-TSOP1138KA1 Datasheet
206Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 9, 15-Oct-2002
TSOP1138KD1 VISHAY-TSOP1138KD1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 8, 29-Mar-01
More results

Mô tả tương tự - TSOP1138CB1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com