công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMBJ8.5C bảng dữ liệu(PDF) 4 Page - HY ELECTRONIC CORP.

tên linh kiện SMBJ8.5C
Giải thích chi tiết về linh kiện  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HY [HY ELECTRONIC CORP.]
Trang chủ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMBJ8.5C bảng dữ liệu(HTML) 4 Page - HY ELECTRONIC CORP.

  SMBJ8.5C Datasheet HTML 1Page - HY ELECTRONIC CORP. SMBJ8.5C Datasheet HTML 2Page - HY ELECTRONIC CORP. SMBJ8.5C Datasheet HTML 3Page - HY ELECTRONIC CORP. SMBJ8.5C Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Working Peak
Reverse Voltage
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
Maximum
Reverse Surge
Current
Maximum
Reverse
Leakage at
VRWM
(UNI)
(BI)
VRWM (volts)
Min(V)
Max(V)
@ IT(mA)
VRSM (volts)
IRSM (Amps)
IR (µA)
SMBJ36
SMBJ36C
MN
CN
36.0
40.0
50.7
1.0
64.3
9.3
5.0
SMBJ36A
SMBJ36CA
MP
CP
36.0
40.0
46.0
1.0
58.1
10.3
5.0
SMBJ40
SMBJ40C
MQ
CQ
40.0
44.4
56.3
1.0
71.4
8.4
5.0
SMBJ40A
SMBJ40CA
MR
CR
40.0
44.4
51.1
1.0
64.5
9.3
5.0
SMBJ43
SMBJ43C
MS
CS
43.0
47.8
60.5
1.0
76.7
7.8
5.0
SMBJ43A
SMBJ43CA
MT
CT
43.0
47.8
54.9
1.0
69.4
8.6
5.0
SMBJ45
SMBJ45C
MU
CU
45.0
50.0
63.3
1.0
80.3
7.5
5.0
SMBJ45A
SMBJ45CA
MV
CV
45.0
50.0
57.5
1.0
72.7
8.3
5.0
SMBJ48
SMBJ48C
MW
CW
48.0
53.3
67.5
1.0
85.5
7.0
5.0
SMBJ48A
SMBJ48CA
MX
CX
48.0
53.3
61.3
1.0
77.4
7.7
5.0
SMBJ51
SMBJ51C
MY
CY
51.0
56.7
71.8
1.0
91.1
6.6
5.0
SMBJ51A
SMBJ51CA
MZ
CZ
51.0
56.7
65.2
1.0
82.4
7.3
5.0
SMBJ54
SMBJ54C
ND
DD
54.0
60.0
76.0
1.0
96.3
6.2
5.0
SMBJ54A
SMBJ54CA
NE
DE
54.0
60.0
69.0
1.0
87.1
6.9
5.0
SMBJ58
SMBJ58C
NF
DF
58.0
64.4
81.6
1.0
103.0
5.8
5.0
SMBJ58A
SMBJ58CA
NG
DG
58.0
64.4
74.6
1.0
93.6
6.4
5.0
SMBJ60
SMBJ60C
NH
DH
60.0
66.7
84.5
1.0
107.0
5.6
5.0
SMBJ60A
SMBJ60CA
NK
DK
60.0
66.7
76.7
1.0
96.8
6.2
5.0
SMBJ64
SMBJ64C
NL
DL
64.0
71.1
90.1
1.0
114.0
5.3
5.0
SMBJ64A
SMBJ64CA
NM
DM
64.0
71.1
81.8
1.0
103.0
5.8
5.0
SMBJ70
SMBJ70C
NN
DN
70.0
77.8
98.6
1.0
125.0
4.8
5.0
SMBJ70A
SMBJ70CA
NP
DP
70.0
77.8
89.5
1.0
113.0
5.3
5.0
SMBJ75
SMBJ75C
NQ
DQ
75.0
83.3
106.0
1.0
134.0
4.5
5.0
SMBJ75A
SMBJ75CA
NR
DR
75.0
83.3
95.8
1.0
121.0
4.9
5.0
SMBJ78
SMBJ78C
NS
DS
78.0
86.7
110.0
1.0
139.0
4.3
5.0
SMBJ78A
SMBJ78CA
NT
DT
78.0
86.7
99.7
1.0
126.0
4.7
5.0
SMBJ85
SMBJ85C
NU
DU
85.0
94.4
119.2
1.0
151.0
3.9
5.0
SMBJ85A
SMBJ85CA
NV
DV
85.0
94.4
108.2
1.0
137.0
4.4
5.0
SMBJ90
SMBJ90C
NW
DW
90.0
100.0
126.5
1.0
160.0
3.8
5.0
SMBJ90A
SMBJ90CA
NX
DX
90.0
100.0
115.5
1.0
146.0
4.1
5.0
SMBJ100
SMBJ100C
NY
DY
100.0
111.0
141.0
1.0
179.0
3.4
5.0
SMBJ100A
SMBJ100CA
NZ
DZ
100.0
111.0
128.0
1.0
162.0
3.7
5.0
SMBJ110
SMBJ110C
PD
ED
110.0
122.0
154.0
1.0
196.0
3.0
5.0
SMBJ110A
SMBJ110CA
PE
EE
110.0
122.0
140.0
1.0
177.0
3.4
5.0
SMBJ120
SMBJ120C
PF
EF
120.0
133.0
169.0
1.0
214.0
2.8
5.0
SMBJ120A
SMBJ120CA
PG
EG
120.0
133.0
153.0
1.0
193.0
3.1
5.0
SMBJ130
SMBJ130C
PH
EH
130.0
144.0
182.0
1.0
231.0
2.6
5.0
SMBJ130A
SMBJ130CA
PK
EK
130.0
144.0
165.0
1.0
209.0
2.9
5.0
SMBJ150
SMBJ150C
PL
EL
150.0
167.0
211.5
1.0
268.0
2.2
5.0
SMBJ150A
SMBJ150CA
PM
EM
150.0
167.0
192.0
1.0
243.0
2.5
5.0
SMBJ160
SMBJ160C
PN
EN
160.0
178.0
226.0
1.0
287.0
2.1
5.0
SMBJ160A
SMBJ160CA
PP
EP
160.0
178.0
205.0
1.0
259.0
2.3
5.0
SMBJ170
SMBJ170C
PQ
EQ
170.0
189.0
239.5
1.0
304.0
2.0
5.0
SMBJ170A
SMBJ170CA
PR
ER
170.0
189.0
217.5
1.0
275.0
2.2
5.0
NOTE: For bidirectional use C or CA suffix for types SMBJ5.0 thru types SMBJ170(ex. SMBJ5.0C, SMBJ170CA).
Electrical characteristics apply in both directions.
The later codes(/AD thru /ER) denote by bidirectional material.
~ 287 ~
Breakdown
Voltage
VBR Volts
Device Marking
code
Device
Uni-
directional
Device
Bi-
directional
SMBJ SERIES


Số phần tương tự - SMBJ8.5C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bytes
SMBJ8.5C BYTES-SMBJ8.5C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
SMBJ8.5C SEMITECH-SMBJ8.5C Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
EIC discrete Semiconduc...
SMBJ8.5C EIC-SMBJ8.5C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ8.5C SOCAY-SMBJ8.5C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ8.5C MCC-SMBJ8.5C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Mô tả tương tự - SMBJ8.5C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ Datasheet
121Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com