công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-ACT-VME2416 bảng dữ liệu(PDF) 5 Page - Actel Corporation

tên linh kiện MC-ACT-VME2416
Giải thích chi tiết về linh kiện  FlexibleslaveVMEcontroller Fullinterruptcontroller(ROAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTEL [Actel Corporation]
Trang chủ  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-VME2416 bảng dữ liệu(HTML) 5 Page - Actel Corporation

  MC-ACT-VME2416 Datasheet HTML 1Page - Actel Corporation MC-ACT-VME2416 Datasheet HTML 2Page - Actel Corporation MC-ACT-VME2416 Datasheet HTML 3Page - Actel Corporation MC-ACT-VME2416 Datasheet HTML 4Page - Actel Corporation MC-ACT-VME2416 Datasheet HTML 5Page - Actel Corporation MC-ACT-VME2416 Datasheet HTML 6Page - Actel Corporation MC-ACT-VME2416 Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VME2416
Memec Design
February 25, 2003
5
Optimized for
Signal Descriptions
The following signal descriptions define the IO signals.
Signal
Direction
Description
CLK
Input
Clock: System clock. This clock is provided by the user side interface which is
part of the 40MHz clock domain.
RESET_N
Input
System reset: Asynchronous system reset, active low.
VME_ADDR[23:1]
Input
VME Address Bus: The smallest addressable unit is the byte location. Masters
use address lines to select the data which has to be accessed
VME_AM[5:0]
Input
VME Address Modifier Bus: Allow the master to pass additional binary
information to the slave during data transfer cycles.
VME_DATA_IN[15:0]
Input
VME Data Bus In: 16 write data lines are available. Depending on the control
signals, only one byte can be used for the transfer on the user part.
VME_DATA_OUT[15:0]
Output
VME Data Bus Out: 16 read data lines. For each access, the 16 data bits are
read.
VME_EXT_DRV_N
Output
VME External Data Drive: Active low drive enable signal for external bidirectional
data bus drivers.
VME_INT_DRV_N
Output
VME Internal Data Drive: Active low drive enable signal for internal bidirectional
data bus drivers.
VME_EXT_DDIR
Output
VME External Data Direction: Direction control signal for internal bidirectional
data bus drivers. High indicates data to VME bus and low from VME bus.
VME_LWORD_N
Input
VME Long Word: Active low signal indicating long word access. This signal is not
used in the MC-ACT-VME2416.
VME_DTACK_N
Output
VME Data Acknowledge: This active low signal acknowledges the data transfer.
It has to be connected to an open collector driver.
VME_AS_N
Input
VME Address Strobe: clocks with falling edge the internal synchronization
signals like VME_ADDR and VME_AM. It is also used as data signal for access
start detection.
VME_DS0_N
Input
VME Data Strobe 0: Active low signal used for the selected location part of the
data. Data strobe 0 is dedicated to the data[7:0].
VME_DS1_N
Input
VME Data Strobe 1: Active low signal used for the selected location part of the
data. Data strobe 1 is dedicated to the data[15:8].
VME_WRITE_N
Input
VME Read/Write: Active low signal which is used by the master to indicate the
data direction.
VME_BERR_N
Input
VME Bus Error: Active low signal driven by other modules indicating that the data
transfer was unsuccessful.
VME_IACK_N
Input
VME Interrupt Acknowledge: When driven low, the VME_IACKIN_N causes the
IACK daisy-chain driver, located in slot 1, to propagate a falling edge down the
interrupt acknowledge daisy-chain.
VME_IACKIN_N
Input
VME Interrupt Acknowledge Input Daisy-Chain: This active low signal is used
as input of the module for the daisy-chain interrupt acknowledge.
VME_IACKOUT_N
Output
VME Interrupt Acknowledge Output Daisy-Chain: This active low signal is used
as output of the module for the daisy-chain interrupt acknowledge.
VME_IRQ_N[6:0]
Output
VME Interrupt Request Lines: Interrupters request interrupts by driving an
interrupt request line low. VME_IRQ_N[7] has the highest priority. These signals
have to be connected to open collector drivers.
INT_USER_ADDR[23:1]
Output
Registered VME Address Bus: Synchronized on the falling edge of VME_AS_N.
This bus is used to decode the address and to active an access signal on the user
part.
INT_USER_AM[5:0]
Output
Registered VME Address Modifier Bus: Synchronized on the falling edge of
VME_AS_N. This bus is used to decode the address modifier and to active an
access signal on the user part.
USER_ACCESS
Input
User Access Signal: The user has 50 ns time to decode the address and
asserting the USER_ACCESS signal when addressed.


Số phần tương tự - MC-ACT-VME2416

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Actel Corporation
MC-ACT-VME32-NET ACTEL-MC-ACT-VME32-NET Datasheet
268Kb / 5P
   Flexible slave VME controller Full interrupt controller (ROAK)
MC-ACT-VME32-VHD ACTEL-MC-ACT-VME32-VHD Datasheet
268Kb / 5P
   Flexible slave VME controller Full interrupt controller (ROAK)
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com