công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC-ACT-VME2416 bảng dữ liệu(PDF) 3 Page - Actel Corporation |
|
MC-ACT-VME2416 bảng dữ liệu(HTML) 3 Page - Actel Corporation |
3 / 7 page VME2416 Memec Design February 25, 2003 3 Optimized for Functional Description The falling edge of VME_AS (address strobe) will synchronize all the addresses (VME_ADDR and VME_AM) allowing the controller to decode them in order to define if the present board is addressed or not. Since this moment, all signals on the VME bus have to be stable and the controller will execute the command depending on the control signals (VME_DS0_N, VME_DS1_N, VME_WRITE_N, VME_IACK_N). The VME master has to release the VME_AS_N signal at the end of a transfer to execute a new command. WRITE DATA TRANSFER When the VME_WRITE_N defines a write data transfer, the controller will assign the address (VME_ADDR) on the USER_ADDR bus, the address modifier (VME_AM) on the USER_AM bus and the data (VME_DATA) on the USER_DATA bus. The signals VME_DS0_N and VME_DS1_N select the corresponding data location according the following table (for this model of VME controller-MC-ACT-VME2416-, the signals VME_LWORD and VME_ADDR01 are don’t care): Data Locations Selected VME_DS0_N VME_DS1_N VME_ADDR01 VME_LWORD_N VME_DATA_IN(7:0) VME_DATA_IN(15:8) low high high low X X X X VME_DATA_IN(15:0) low low X X To execute the transfer on the user part, the controller will active a request signal (USER_ACC_REQ) with valid control signals. The data locations selected are enabled with the signals USER_BE1 (bits 7:0) and USER_BE2 (bits 15:8). The transfer will be ended with the acknowledge of the user part (USER_ACC_ACK). Once the transfer executed, the controller will acknowledge the data transfer on the VME bus with the VME_DTACK_N. When seeing this acknowledge, the master will release the VME_AS_N signal ending the actual data transfer. READ DATA TRANSFER When the VME_WRITE_N defines a read data transfer, the controller will assign the address (VME_ADDR) on the USER_ADDR bus and the address modifier (VME_AM) on the USER_AM bus. As the write data transfer, the signals USER_BE1/2 are depending on the VME_DS0/1_N. The controller will active a request signal (USER_ACC_REQ) until the acknowledge (USER_ACC_ACK) coming from the user part. The read data have to be valid during this acknowledge. Once ready, the data are transferred on the VME_DATA_OUT bus and acknowledged with the signal VME_DTACK_N. When seeing this acknowledge, the master will release the VME_AS_N signal ending the actual data transfer. INTERRUPT The interrupts on the VME bus are generated by the different modules connected on the bus and are acknowledged through a daisy-chain interrupt line as shown on the figure below: Memory Board (user part) IO Board (user part) Interrupt Handler MC-ACT- VME MC-ACT- VME VME Interface iack_n |
Số phần tương tự - MC-ACT-VME2416 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |