công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1 bảng dữ liệu(PDF) 1 Page - Allen-Bradley

tên linh kiện GS1
Giải thích chi tiết về linh kiện  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEN-BRADLEY [Allen-Bradley]
Trang chủ  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

GS1 bảng dữ liệu(HTML) 1 Page - Allen-Bradley

  GS1 Datasheet HTML 1Page - Allen-Bradley GS1 Datasheet HTML 2Page - Allen-Bradley GS1 Datasheet HTML 3Page - Allen-Bradley GS1 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-52
Interlock Switches
Non contact Switches
Ferrogard GS1 & GS2
Description
The Ferrogard range of magnetically actuated safety switches offers
Non contact reliability together with tolerance to misalignment.
They are designed to be installed so that when a guard door is
opened, the action of the magnetic actuator being removed from the
switch opens the N.C. safety contacts which are intended for the
isolation of control power to a machine primary control element.
The GS1 and GS2 are designed for heavy duty applications. The
GS1 is housed in a stainless steel or brass housing. The GS2 offers the
same characteristic as the GS1, but in an Ex housing for hazardous
locations.
Unlike some magnetic switches the Ferrogards have protected safety
contacts to help ensure that they do not fail to danger.
All Ferrogards have internal non-resettable overload protection on
the safety contact. They should be protected by an external fuse
rated as shown in the specifications table.
See the Explosion Proof section on page 16-1 for more
information on the EX version of the Ferrogard GS2.
Features
• Non contact actuation
• High tolerance to misalignment
• High switching current (2A AC)
• Metal housings (IP 68)
• Ex version available
Specifications
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119,
ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for Cat.
3 or 4 systems
Approvals
GS1 and GS2
GS2 Ex
CE marked for all applicable directives
and cULus
EExd IIC T6 Baseefa
Operating Distance – Make
GS1
GS2 12mm (0.47in)
15mm (0.59in)
Operating Distance – Break
GS1
GS2 23mm (0.91in)
26mm (1.02in)
Closing Time
3.0ms
Dropout Time
2.1ms
Bounce Time
0.7ms
Initial Contact Resistance
15mW
Initial Capacitance, Terminal
to Terminal
0.65pF
Initial Insulation Resistance,
Terminal to Terminal
1 x 106
Safety Contact Switching
Capability
250V AC 2A max
Safety Contact External
Fusing
< 1.6A quick blow
Min Initial Breakdown
Voltage
600V AC
Operating Temperature
-25°C to +125°C (-13° to +257°F)
Enclosure Protection
IP68 (NEMA 6P)
Cable
GS1 Brass
Stainless Steel
GS2
0.75 mm2 (18AWG) 2 wire
Grey PVC Jacket OD 6mm (0.24in)
0.75 mm2 (18AWG) 2 wire
White PVC Jacket OD 7mm (0.28in)
1.34 mm2 (16AWG) 2 wire Braided
Polyolefin Jacket OD 8.4.mm (0.32in)
Case Material
Stainless Steel or Brass
Mounting
Any Position
M3 mounting security screws included.
Weight (not including cable)
GS1 Brass
GS1 Steel
Actuator
381g (0.84lbs)
388g (0.86lbs)
116g (0.26lbs)
Electrical Life
1 X 106 at rated load
Mechanical Life
10 X 106
Vibration
15g, 20 to 1000Hz
Shock
50g
Ex Version
See Explosion Proof Section


Số phần tương tự - GS1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Yuan Dean Scientific., ...
GS1 YUANDEAN-GS1 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05 YUANDEAN-GS1-S05 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05F YUANDEAN-GS1-S05F Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S09 YUANDEAN-GS1-S09 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S09F YUANDEAN-GS1-S09F Datasheet
269Kb / 2P
   AC-DC Converter
More results

Mô tả tương tự - GS1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allen-Bradley
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
   Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com