công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZX284C6V8 bảng dữ liệu(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
BZX284C6V8 bảng dữ liệu(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
1 / 2 page SMD Type Diodes www.kexin.com.cn 1 Zener Diodes BZX284 Series cathode idenfifier SOD110 Unit: mm Features Total Power Dissipation: Max. 400mW Two Tolerance Series: 2% and 5% Working Voltage Range: Nom. 2.4 to 75V Absolute Maximum Ratings (Ta = 25 ) Parameter Symbol Rating Unit Total Power Dissipation Ptot 400 mW Continuous Forward Current IF 250 mA Forward Voltage @ IF = 10mA VF 0.9 V Jumction temperature Tj 150 Storage temperature Tstg -65to+150 Electrical Characteristics (Ta = 25 ) Min. Max. Min. Max. Typ. Max. Typ. Max. Typ. Max. Max. 2% 5% 2V4 2.35 2.45 2.2 2.6 275 400 70 100 -1.6 450 12.0 WO YO 2V7 2.65 2.75 2.5 2.9 300 450 75 100 -2.0 440 12.0 WP YP 3V0 2.94 3.06 2.8 3.2 325 500 80 95 -2.1 425 12.0 WQ YQ 3V3 3.23 3.37 3.1 3.5 350 500 85 95 -2.4 410 12.0 WR YR 3V6 3.53 3.67 3.4 3.8 375 500 85 90 -2.4 390 12.0 WS YS 3V9 3.82 3.98 3.7 4.1 400 500 85 90 -2.5 370 12.0 WT YT 4V3 4.21 4.39 4.0 4.6 410 600 80 90 -2.5 350 12.0 WU YU 4V7 4.61 4.79 4.4 5.0 425 500 50 80 -1.4 325 12.0 WV YV 5V1 5.00 5.20 4.8 5.4 400 480 40 60 -0.8 300 12.0 WW YW 5V6 5.49 5.71 5.2 6.0 80 400 15 40 1.2 275 12.0 WX YX Temp. Coeff. SZ (mV/K) @IZ =2mA Diode Cap. Cd (pF) @ f= 1MHz; VR =0V Non-repetitive peak reverse current IZSM (A) @tp = 100 s Marking BZX284 Bor C XXX Working voltage VZ (V) @IZ =5mA Differential resistance Rdif ( ) 2% (B) 5% (C) @IZ =1mA @IZ =5mA |
Số phần tương tự - BZX284C6V8 |
|
Mô tả tương tự - BZX284C6V8 |