công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1410N bảng dữ liệu(PDF) 1 Page - TelCom Semiconductor, Inc

tên linh kiện TC1410N
Giải thích chi tiết về linh kiện  0.5A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELCOM [TelCom Semiconductor, Inc]
Trang chủ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1410N bảng dữ liệu(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1410N Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1410N Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1410N Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1410N Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1410N Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-183
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
0.5A HIGH-SPEED MOSFET DRIVERS
TC1410
TC1410N
OUTPUT
INPUT
GND
EFFECTIVE
INPUT
C = 10pF
300mV
INVERTING
OUTPUTS
NONINVERTING
OUTPUTS
VDD
TC1410N
4.7V
TC1410
PIN CONFIGURATIONS
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC1410COA
8-Pin SOIC
0
°C to +70°C
TC1410CPA
8-Pin Plastic DIP
0
°C to +70°C
TC1410EOA
8-Pin SOIC
– 40
°C to +85°C
TC1410EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC1410NCOA
8-Pin SOIC
0
°C to +70°C
TC1410NCPA
8-Pin Plastic DIP
0
°C to +70°C
TC1410NEOA
8-Pin SOIC
– 40
°C to +85°C
TC1410NEPA
8-Pin Plastic DIP
– 40
°C to +85°C
FUNCTIONAL BLOCK DIAGRAM
TC1410/N-8 10/15/96
GENERAL DESCRIPTION
The TC1410/1410N are 0.5V CMOS buffer/drivers .
They will not latch up under any conditions within their power
and voltage ratings. They are not subject to damage when
up to 5V of noise spiking of either polarity occurs on the
ground pin. They can accept, without damage or logic upset,
up to 500mA of current of either polarity being forced back
into their output. All terminals are fully protected against up
to 4 kV of electrostatic discharge.
As MOSFET drivers, the TC1410/1410N can easily
switch 500pF gate capacitance in 25nsec with matched rise
and fall times, and provide low enough impedance in both
the ON and the OFF states to ensure the MOSFET’s
intended state will not be affected, even by large transients.
The rise and fall time edges are matched to allow driving
short-duration inputs with greater accuracy.
FEATURES
s
Latch-Up Protected: Will Withstand 500mA
Reverse Current
s
Input Will Withstand Negative Inputs Up to 5V
s
ESD Protected ..................................................... 4kV
s
High Peak Output Current ............................... 0.5A
s
Wide Operating Range .......................... 4.5V to 16V
s
High Capacitive Load
Drive Capability ............................ 500pF in 25nsec
s
Short Delay Time .................................. 35nsec Typ
s
Consistent Delay Times With Changes in
Supply Voltage
s
Matched Delay Times
s
Low Supply Current
— With Logic “1” Input ................................. 500
µA
— With Logic “0” Input ................................. 150
µA
s
Low Output Impedance ..................................... 16
s
Pinout Same as TC1411/12/13
TC1410
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
NC = NO INTERNAL CONNECTION
2
6, 7
INVERTING
NOTE: SOIC pinout is identical to DIP.
OUT
TC1410N
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
2
6, 7
NONINVERTING
OUT


Số phần tương tự - TC1410N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1410N MICROCHIP-TC1410N Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410N MICROCHIP-TC1410N Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
TC1410N MICROCHIP-TC1410N Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
More results

Mô tả tương tự - TC1410N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410 MICROCHIP-TC1410_13 Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com