công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1014-3.0VCT bảng dữ liệu(PDF) 7 Page - TelCom Semiconductor, Inc

tên linh kiện TC1014-3.0VCT
Giải thích chi tiết về linh kiện  50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELCOM [TelCom Semiconductor, Inc]
Trang chủ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1014-3.0VCT bảng dữ liệu(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC1014-3.0VCT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC1014-3.0VCT Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC1015
2
100mA CMOS LDO WITH SHUTDOWN
AND REFERENCE BYPASS
PRELIMINARY INFORMATION
TC1015-01-6/5/97
ABSOLUTE MAXIMUM RATINGS*
Input Voltage ................................................................. 7V
Output Voltage .................................. (– 0.3) to (VIN + 0.3)
Power Dissipation .................... Internally Limited (Note 7)
Operating Temperature .................... – 40
°C < TJ < 125°C
Storage Temperature ............................ – 65
°C to +150°C
Maximum Voltage On Any Pin .......... VIN + 0.3V to – 0.3V
*Stresses beyond those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: VIN = VOUT + 1V, IL = 100µA, CL = 3.3µF, SHDN > VIH, TA = 25
°C, unless otherwise noted.
Boldface type specifications apply for junction temperatures of – 40
°C to +125°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIN
Input Operating Voltage
6.5
V
IOUTMAX
Maximum Output Current
100
——
mA
VOUT
Output Voltage
Note 1
VR – 2.5%
VR ±0.5%
VR + 2.5%
V
TCVOUT
VOUT Temperature Coefficient
Note 2
20
ppm/
°C
40
∆VOUT/∆VIN
Line Regulation
(VR + 1V) < VIN < 6V
0.01
%
∆VOUT/VOUT
Load Regulation
IL = 1.0mA to IOUTMAX
0.5
%
(Note 3)
VIN – VOUT
Dropout Voltage (Note 4)
IL = 0.1mA
20
mV
IL = 20mA
70
IL = 50mA
93
IL =100mA
112
(Note 4)
IGND
Ground Pin Current
IL = IOUTMAX, (Note 5)
——
0
µA
IIN
Supply Current
SHDN = VIH, IL = 0
50
µA
IINSD
Shutdown Supply Current
SHDN = 0V
0.05
µA
PSRR
Power Supply Rejection Ratio
FRE ≤ 1kHz
64
dB
IOUTSC
Output Short Circuit Current
VOUT = 0V
300
500
mA
∆VOUT/∆PD
Thermal Regulation
Note 6
0.04
%/W
eN
Output Noise
IL = IOUTMAX
260
nV/
√Hz
470pF from Bypass to GND
SHDN Input
VIH
SHDN Input High Threshold
VIN = 2.5V to 6.5V
45
%VIN
VIL
SHDN Input Low Threshold
VIN = 2.5V to 6.5V
15
%VIN
NOTES: 1. VR is the regulator output voltage setting. VR = 2.5V, 2.7V, 3.0V, 3.3V, 5.0V.
2. TCVOUT = (VOUTMAX – VOUTMIN) x 10
6
VOUT x ∆T
3. Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load
range from 1.0mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the
thermal regulation specification.
4. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value at a 1V
differential.
5. Ground pin current is the regulator pass transistor gate current. The total current drawn from the input supply is the sum of the load
current, ground current and supply current (i.e. IIN = ISUPPLY + IGND + ILOAD).
6. Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10msec.
7. The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e. TA, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to
initiate thermal shutdown. Please see
Thermal Considerations section of this data sheet for more details.
.


Số phần tương tự - TC1014-3.0VCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1014-3.0VCT713 MICROCHIP-TC1014-3.0VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
More results

Mô tả tương tự - TC1014-3.0VCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com