công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1014 bảng dữ liệu(PDF) 8 Page - TelCom Semiconductor, Inc

tên linh kiện TC1014
Giải thích chi tiết về linh kiện  50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELCOM [TelCom Semiconductor, Inc]
Trang chủ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1014 bảng dữ liệu(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC1014 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TC1015
3
PRELIMINARY INFORMATION
TC1015-01-6/5/97
100mA CMOS LDO WITH SHUTDOWN
AND REFERENCE BYPASS
Pin No.
1VIN
Unregulated supply input.
2
GND
Ground terminal.
3
SHDN
Shutdown control input. The regulator is fully enabled when a logic high is applied to this
input. The regulator enters shutdown when a logic low is applied to this input. During
shutdown, output voltage falls to zero, and supply current is reduced to under 1 microamp
(typical).
4
Bypass
Reference bypass input. Connecting a 470pF to this input further reduces output noise.
5VOUT
Regulated voltage output.
PIN DESCRIPTION
(SOT-23A-5)
Symbol
Description
DETAILED DESCRIPTION
The TC1015 is a precision fixed output voltage regula-
tor. (If an adjustable version is desired, please see the
TC1070 or TC1071 data sheets.) Unlike the bipolar regula-
tors, the TC1015 supply current does not increase with load
current. In addition, VOUT remains stable and within regula-
tion at very low load currents (an important consideration in
RTC and CMOS RAM battery back-up applications).
Figure 1 shows a typical application circuit. The regula-
tor is enabled any time the shutdown input (SHDN) is at or
above VIH, and shutdown (disabled) when SHDN is at or
below VIL. SHDN may be controlled by a CMOS logic gate,
or I/O port of a microcontroller. If the SHDN input is not
required, it should be connected directly to the input supply.
While in shutdown, supply current decreases to 0.05
µA
(typical) and VOUT falls to zero volts.
Bypass Input
A 470pF capacitor connected from the Bypass input to
ground reduces noise present on the internal reference,
which in turn significantly reduces output noise. If output
noise is not a concern, this input may be left unconnected.
Larger capacitor values may be used, but results in a longer
time period to rated output voltage when power is initially
applied.
Output Capacitor
A 1
µF (min) capacitor from VOUT to ground is recom-
mended. The output capacitor should have an effective
series resistance of 5
Ω or less, and a resonant frequency
above 1MHz. A 1
µF capacitor should be connected from VIN
to GND if there is more than 10 inches of wire between the
regulator and the AC filter capacitor, or if a battery is used as
the power source. Aluminum electrolytic or tantalum capaci-
tor types can be used. (Since many aluminum electrolytic
capacitors freeze at approximately – 30
°C, solid tantalums
are recommended for applications operating below – 25
°C.)
When operating from sources other than batteries, supply-
noise rejection and transient response can be improved by
increasing the value of the input and output capacitors and
employing passive filtering techniques.
Thermal Considerations
Thermal Shutdown
Integrated thermal protection circuitry shuts the regula-
tor off when die temperature exceeds 160
°C. The regulator
remains off until the die temperature drops to approximately
150
°C.
Power Dissipation
The amount of power the regulator dissipates is prima-
rily a function of input and output voltage, and output current.
The following equation is used to calculate worst case
actual power dissipation:
Figure 1. Typical Application Circuit
1
µF
470pF
Reference
Bypass Cap
(Optional)
Shutdown Control
(to CMOS Logic or Tie to V
IN if Unused)
TC1015
VIN
BATTERY
VOUT
Bypass
SHDN
GND
VOUT
1
µF


Số phần tương tự - TC1014

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1014 MICROCHIP-TC1014 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1014-1.8VCT713 MICROCHIP-TC1014-1.8VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1014-2.5VCT713 MICROCHIP-TC1014-2.5VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1014-2.6VCT713 MICROCHIP-TC1014-2.6VCT713 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
More results

Mô tả tương tự - TC1014

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com