công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP-75C bảng dữ liệu(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
TP-75C bảng dữ liệu(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
2 / 3 page .. SPECIFICATION TP-75D TP-7503 MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDUP TIME (Typ.) VOLTAGERANGE Note.5 FREQUENCY RANGE POWERFACTOR EFFICIENCY (Typ.) INPUT INRUSHCURRENT(max.) LEAKAGECURRENT SAFETY STANDARDS HARMONICCURRENT EMSIMMUNITY WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE ACCURRENT 5V CH1 CH1 24V CH2 CH2 12V CH3 CH3 5V 3.3V 12V 7A 1.5A 0.4A 9A 8A 0.3A 1.5~10A 0.2~2.5A 0~0.6A 1.5~10A 0.2~8A 0~0.6A 75.8W 75W 100mVp-p 120mVp-p 120mVp-p 100mVp-p 50mVp-p 120mVp-p ± 3.0% ± 3.0% ± 3.0% ± 3.0% CH1:4.75~5.5V ± 4.0% ± 4.0% ± 4.0% ± 4.0% ± 8.0% ± 8.0% ± 8.0% ± 8.0% ± 1.0% ± 1.0% ± 1.0% ± 1.0% ± 1.0% ± 1.0% 800ms,60msatfullload 36msatfullload 90~264VAC127~370VDC 47~63Hz PF>0.95/230VACPF>0.98/115VACatfullload 70% 1.5A/115VAC0.8A/115VAC COLDSTART 20A/230VAC <2mA /240VAC 105~150% ratedoutputpower 5.75~6.75Von+5V Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved Protectiontype:Shutdowno/pvoltage,re-powerontorecover UL60950-1, TUVEN60950-1approved CompliancetoEN55022(CISPR22)ClassB Complianceto EN61000-3-2,-3 CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A -10~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -20~+85 ,10~95%RH ± ) 0.03%/ (0~50 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes 198.4Khrsmin.MIL-HDBK-217F(25 ) 179*99*33mm(L*W*H) FileName:TP-75-SPEC2007-10-25 75W TripleOutputwithPFCFunction Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload/ Over voltage Low profile: 33mm thickness LED indicator for power on Cooling by free air convection Fixed switching frequency at PFC:67KHz PWM:134KHz 3 years warranty Features : T P - 7 5 series RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC1min. I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC ENVIRONMENT SAFETY & EMC (Note4) PROTECTION EMICONDUCTION&RADIATION 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Derating may be needed under low input voltages. Please check the derating curve for more details. 0.65Kg;20pcs/12.7Kg/0.64CUFT OUTPUTNUMBER |
Số phần tương tự - TP-75C |
|
Mô tả tương tự - TP-75C |