công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431ZALS bảng dữ liệu(PDF) 9 Page - IK Semicon Co., Ltd

tên linh kiện TL431ZALS
Giải thích chi tiết về linh kiện  Programmable Precision Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IKSEMICON [IK Semicon Co., Ltd]
Trang chủ  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431ZALS bảng dữ liệu(HTML) 9 Page - IK Semicon Co., Ltd

Back Button TL431ZALS Datasheet HTML 5Page - IK Semicon Co., Ltd TL431ZALS Datasheet HTML 6Page - IK Semicon Co., Ltd TL431ZALS Datasheet HTML 7Page - IK Semicon Co., Ltd TL431ZALS Datasheet HTML 8Page - IK Semicon Co., Ltd TL431ZALS Datasheet HTML 9Page - IK Semicon Co., Ltd TL431ZALS Datasheet HTML 10Page - IK Semicon Co., Ltd TL431ZALS Datasheet HTML 11Page - IK Semicon Co., Ltd TL431ZALS Datasheet HTML 12Page - IK Semicon Co., Ltd TL431ZALS Datasheet HTML 13Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TL431Z
APPLICATIONS INFORMATION
The TL431Z is a programmable precision reference which is used in a variety of ways. It serves as a reference
voltage in circuits where a non–standard reference voltage is needed. Other uses include feedback control for driving an
optocoupler in power supplies, voltage monitor, constant current source, constant current sink and series pass regulator.
In each of these applications, it is critical to maintain stability of the device at various operating currents and load
capacitances. In some cases the circuit designer can estimate the stabilization capacitance from the stability boundary
conditions curve provided in Figure 15. However, these typical curves only provide stability information at specific
cathode voltages and at a specific load condition.
Additional information is needed to determine the capacitance needed to optimize phase margin or allow for
process variation. A simplified model of the TL431Z is shown in Figure 31. When tested for stability boundaries, the load
resistance is 150 Ω. The model reference input consists of an input transistor and a dc emitter resistance connected to
the device anode. A dependent current source, Gm, develops a current whose amplidute is determined by the difference
between the 1.78 V internal reference voltage source and the input transistor emitter voltage. A portion of Gm flows
through compensation capacitance, CP2. The voltage across CP2 drives the output dependent current source, Go, which
is connected across the device cathode and anode.
Model component values are:
Vref = 1.78 V
Gm = 0.3 + 2.7 exp (–IC/26 mA)
where IC is the device cathode current and Gm is in mhos
Go = 1.25 (Vcp
2) µmhos.
Resistor and capacitor typical values are shown on the model. Process tolerances are
±20% for resistors, ±10%
for capacitors, and
±40% for transconductances.
An examination of the device model reveals the location of circuit poles and zeroes:
In addition, there is an external circuit pole defined by the load:
Also, the transfer dc voltage gain of the TL431Z is:
Example 1:
The resulting transfer function Bode plot is shown in Figure 32. The asymptotic plot may be expressed as the
following equation:
The Bode plot shows a unity gain crossover frequency of approximately 600 kHz. The phase margin, calculated
from the equation, would be 55.9 degrees. This model matches the Open–Loop Bode Plot of Figure 12. The total loop
would have a unity gain frequency of about 300 kHz with a phase margin of about 44 degrees.
Rev. 01


Số phần tương tự - TL431ZALS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IK Semicon Co., Ltd
TL431ZALS IKSEMICON-TL431ZALS Datasheet
494Kb / 13P
   Programmable Precision Reference
More results

Mô tả tương tự - TL431ZALS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com