công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM3E-077.76M bảng dữ liệu(PDF) 11 Page - Connor-Winfield Corporation

tên linh kiện SM3E-077.76M
Giải thích chi tiết về linh kiện  ULTRA MINIATURE STRATUM 3E MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CONNOR-WINFIELD [Connor-Winfield Corporation]
Trang chủ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3E-077.76M bảng dữ liệu(HTML) 11 Page - Connor-Winfield Corporation

Back Button SM3E-077.76M Datasheet HTML 7Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 8Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 9Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 10Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 11Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 12Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 13Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 14Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 15Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet #: TM054
Page 11 of 36 Rev: 02
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Detailed Description continued
Output Signals and Frequency
Output 1 is the primary chip output, and in locked mode is synchronized to the selected reference. Output 1 may be any of the
following frequencies: 12.96 MHz, 19.44 MHz, 25.92 MHz, 38.88 MHz, 51.84 MHz or 77.76 MHz.
M/S_Out is an 8 kHz output available as a frame reference or synchronization signal for cross-coupled pairs of SM3E devices
operated in master/slave mode. In master mode, M/S_Out is synchronized to the selected reference. In slave mode, M/S_Out is in phase
with the M/S REF offset by the value written to the Phase_offset register (+31.75 to -32nS, with .25nS resolution). M/S_Out may be a
50% duty cycle signal, or variable high-going pulse width, as determined by the Ctl_Mode and Fr_Pulse_Width registers. In variable
pulse width mode, the width may be from 1 to 15 multiples of the Output 1 cycle time. See Register Descriptions and Operation section.
BITS_Clk is the BITS clock output at either 1.544 MHz or 2.048 MHz. It is selected by the T1/E1 input and its state may be read in bit
3 of the Ctl_Mode register. When T1/E1 = 1, the BITS frequency is 1.544 MHz, and when T1/E1 = 0, the BITS frequency is 2.048 MHz.
Interrupts
The SM3E module supports eight different interrupts and appears in INTR_EVENT (0x12) register. Each interrupt can be individually
enabled or disabled via the INTR_ENABLE (0x13) register. Each bit enables or disables the corresponding interrupt from asserting the
SPI_INT pin. Interrupt events still appear in the INTR_EVENT (0x12) register independent of their enable state. All interrupts are cleared
once INTR_EVENT (0x12) register is read. The interrupts are:
Any reference changing from available to not available
Any reference changing from not available to available
M/S REF changing from activity to no activity
M/S REF changing from no activity to activity
DPLL Mode status change
Reference switch in automatic reference selection mode
Loss of Signal
Loss of Lock
Interrupts and Reference Change in Autonomous Mode
Interrupts can be used to determine the cause of a reference change in autonomous mode. Let us assume that the module is
currently locked to REF1. The module switches to REF2 and SPI_INT pin is asserted. The user reads the INTR_EVENT (0x12) register.
If the module is operating in autonomous non-revertive mode, the cause can be determined from bits 4, 5, 6 and 7. Bit 5 is set to
indicate Active reference change. If Bit 6 is set then the cause of the reference change is Loss of Active Reference. If Bit 7 is set then the
cause of the reference change is a Loss of Lock alarm on the active reference.
If the module is operating in autonomous revertive mode, the cause can be determined from bits 1, 4,5, 6 and 7. Bit 5 is set to
indicate Active reference change. If Bit 6 is set then the cause of the reference change is Loss of Active Reference. If Bit 7 is set then the
cause of the reference change is a Loss of Lock alarm on the active reference. If Bit 1 is set then the cause of the reference change is
the availability of a higher priority reference.
Note: The DPLL Mode Status Change bit (Bit 4) is also set to indicate a change in DPLL_STATUS (0x11) register, during an interrupt
caused by a reference change. The data in DPLL_STATUS (0x11) register however is not useful in determining the cause of a
reference change. This is because bits 0-2 of this register always reflects the status of the current active reference and hence cannot be
used to determine the status of the last active reference.
Interrupts in Manual Mode
In manual operating mode, when the active reference fails due to a Loss of Signal or Loss of Lock alarm, an interrupt is generated.
For example, in case of a Loss of Signal, bits4 and 6 of INTR_EVENT (0x12) register would be set to indicate Loss of Signal and DPLL
Mode Status Change. The user may choose to read the DPLL_STATUS (0x11) register, though in manual mode bit6 of INTR_EVENT
(0x12) register is a mirror of bit0 of DPLL_STATUS (0x11) register. This holds true for a Loss of Lock alarm, where bit7 of INTR_EVENT
(0x12) register is a mirror of bit1 of DPLL_STATUS (0x11) register.
Internal Clock Calibration
The internal clock may be calibrated by writing a frequency offset v.s. nominal frequency into the Calibration register. This calibration
is used by the synchronization software to create a frequency corrected from the actual internal clock output by the value written to the
Calibration register. See register descriptions.


Số phần tương tự - SM3E-077.76M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
More results

Mô tả tương tự - SM3E-077.76M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Vectron International, ...
C4550 VECTRON-C4550_11 Datasheet
52Kb / 2P
   Stratum 3E
logo
Connor-Winfield Corpora...
SM3 CONNOR-WINFIELD-SM3 Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
   OCXO Miniature size with Stratum 3E stability
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
   STRATUM 3E HCMOS OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com