công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1N979B bảng dữ liệu(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

tên linh kiện TC1N979B
Giải thích chi tiết về linh kiện  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Trang chủ  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N979B bảng dữ liệu(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N979B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N979B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N979B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
November 2006/ B
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
ZZK @ IZK = 0.25mA
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
TC1N977B
47
2.7
105
1500
5
35.8
TC1N978B
51
2.5
125
1500
5
38.8
TC1N979B
56
2.2
150
2000
5
42.6
VF Forward Voltage = 1.5 V Maximum @ IF = 200 mA for all types
Notes:
1. TOLERANCE AND VOLTAGE DESIGNATION
The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of ±5%. Suffix A =
±10%, Suffix C = ±2% and D = ±1%.
2. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery,
contact you nearest Tak Cheong representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction
in thermal equilibrium.
4. ZENER IMPEDANCE (ZZ) DERIVATION
Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the
dc zener current (IZT) is superimposed to IZT .


Số phần tương tự - TC1N979B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tak Cheong Electronics ...
TC1N970B TAK_CHEONG-TC1N970B Datasheet
570Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N971B TAK_CHEONG-TC1N971B Datasheet
570Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N972B TAK_CHEONG-TC1N972B Datasheet
570Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N973B TAK_CHEONG-TC1N973B Datasheet
570Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N974B TAK_CHEONG-TC1N974B Datasheet
570Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Mô tả tương tự - TC1N979B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com