công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC6105 bảng dữ liệu(PDF) 2 Page - Suntac Electronic Corp.

tên linh kiện STC6105
Giải thích chi tiết về linh kiện  Power Supply Supervisor Regulator PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNTAC [Suntac Electronic Corp.]
Trang chủ  
Logo SUNTAC - Suntac Electronic Corp.

STC6105 bảng dữ liệu(HTML) 2 Page - Suntac Electronic Corp.

  STC6105 Datasheet HTML 1Page - Suntac Electronic Corp. STC6105 Datasheet HTML 2Page - Suntac Electronic Corp. STC6105 Datasheet HTML 3Page - Suntac Electronic Corp. STC6105 Datasheet HTML 4Page - Suntac Electronic Corp. STC6105 Datasheet HTML 5Page - Suntac Electronic Corp. STC6105 Datasheet HTML 6Page - Suntac Electronic Corp. STC6105 Datasheet HTML 7Page - Suntac Electronic Corp. STC6105 Datasheet HTML 8Page - Suntac Electronic Corp. STC6105 Datasheet HTML 9Page - Suntac Electronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Product Specification
- 2 -
ORDERING INFORMATION
Part Number
Package
STC6105
20-Pin DIP
PIN DESCRIPTIONS
Name
Pin
Type
Function
VCC
20
Supply
Supply voltage. 4.5V ~ 5.5V. It is connected to 5V-standby.
PG
10
Logic output
Power Good logic output, 0 or 1 (open-collector). PG = 1 means that the power is good for operation.
The PG delay is 300 msec.
V33
2
Analog input
3.3V over-voltage/under-voltage control sense input.
V5
3
Analog input
5V over-voltage/under-voltage control sense input.
V12
7
Analog input
12V over-voltage/under-voltage control sense input.
OPP
4
Analog input
Over-power sense input. This pin is connected to driver transformer or the output of current
transformer. When not in use, this pin should be grounded.
PSON
1
Logic input
Remote On/Off logic input for CPU or controller. Turn on/off the PWM Output after the 7.5 msec / 26
msec delay.
PSON = 0 means that the main SMPS is operational.
PSON =1 means that the main SMPS is off and the latch is reset.
NVP
6
Analog input
The protection input for negative output, such as –12V and/or –5V. Trip voltage = 2.1V.
UVAC
5
Analog input
AC fail detection, detect main AC voltage under-voltage and/or failure.
COMP
16
Analog output
Error amplifier output and the input of the PWM comparator.
IN
17
Analog input
The negative input of error amplifier. The positive input of error amplifier is a 2.5V reference voltage.
SS
18
Analog input
The soft-start. It is settable through external capacitor. The current source output at this pin is 8uA and
the voltage is clamped at 2.5V.
OP1/OP2
9/8
Analog output
The totem-pole output drivers of push-pull PWM. The output are enabled (low) only when the NAND
gate inputs are high, the maximum duty cycle on an output (OP1 or OP2) is 46%.
FB1
14
Analog output
Output for first converter regulation loop.
VREF1
13
Analog input
Reference comparison input for first converter regulation loop. 2.5V.
FB2
11
Analog output
Output for second converter regulation loop.
VREF2
12
Analog input
Reference comparison input for second converter regulation loop. 2.5V.
RI
19
Program.
Analog input
Connected to external resistor for the reference setting.
RI = 75k ohms.
GND
15
Supply
Ground.
STC6105
Power Supply Supervisor + Regulator + PWM


Số phần tương tự - STC6105

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
STC6.8-10C2 VISHAY-STC6.8-10C2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-15N2 VISHAY-STC6.8-15N2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20C3 VISHAY-STC6.8-20C3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20N3 VISHAY-STC6.8-20N3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-2C1 VISHAY-STC6.8-2C1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
More results

Mô tả tương tự - STC6105

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A_09 Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
logo
List of Unclassifed Man...
SG6105 ETC-SG6105 Datasheet
519Kb / 13P
   Power Supply Supervisor Regulator PWM
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A Datasheet
592Kb / 18P
   Power Supply Supervisor Regulator PWM
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
   POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
logo
Fairchild Semiconductor
FAN6103 FAIRCHILD-FAN6103 Datasheet
656Kb / 13P
   Power Supply Supervisor Plus PWM
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com