công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCX86SJ bảng dữ liệu(PDF) 10 Page - Fairchild Semiconductor

tên linh kiện 74LCX86SJ
Giải thích chi tiết về linh kiện  Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX86SJ bảng dữ liệu(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCX86SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 9Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 10Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX86 Rev. 1.5.0
10
Physical Dimensions (Continued)
Figure 5. 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
C. DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH,
AND TIE BAR EXTRUSIONS
F. DRAWING FILE NAME: MTC14REV6
R0.09 min
12.00°
TOP & BOTTOM
0.43 TYP
1.00
D. DIMENSIONING AND TOLERANCES PER ANSI
Y14.5M, 1982
R0.09min
E. LANDPATTERN STANDARD: SOP65P640X110-14M
0.65
6.10
1.65
0.45
A. CONFORMS TO JEDEC REGISTRATION MO-153,
VARIATION AB, REF NOTE 6
B. DIMENSIONS ARE IN MILLIMETERS


Số phần tương tự - 74LCX86SJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCX86SJ FAIRCHILD-74LCX86SJ Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX86SJ ONSEMI-74LCX86SJ Datasheet
331Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
More results

Mô tả tương tự - 74LCX86SJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX86 STMICROELECTRONICS-74LVX86 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS
74LCX86 STMICROELECTRONICS-74LCX86 Datasheet
243Kb / 15P
   Low voltage CMOS quad Exclusive OR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32_08 Datasheet
791Kb / 13P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com