công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320CC6713GJL20EP bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện SM320CC6713GJL20EP
Giải thích chi tiết về linh kiện  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM320CC6713GJL20EP bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SM320CC6713GJL20EP Datasheet HTML 2Page - Texas Instruments SM320CC6713GJL20EP Datasheet HTML 3Page - Texas Instruments SM320CC6713GJL20EP Datasheet HTML 4Page - Texas Instruments SM320CC6713GJL20EP Datasheet HTML 5Page - Texas Instruments SM320CC6713GJL20EP Datasheet HTML 6Page - Texas Instruments SM320CC6713GJL20EP Datasheet HTML 7Page - Texas Instruments SM320CC6713GJL20EP Datasheet HTML 8Page - Texas Instruments SM320CC6713GJL20EP Datasheet HTML 9Page - Texas Instruments SM320CC6713GJL20EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 123 page
background image
3
DEVICE INFORMATION
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
Y
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
EA20
DV
DD
EA18
EA16
EA14
V
SS
CLKOUT2/
GP[2]
ECLKIN
ECLKOUT
EA9
EA7
DV
DD
EA2
ARDY
BE2
ED18
V
SS
V
SS
V
SS
CV
DD
DV
DD
ED17
V
SS
CE2
EA4
EA6
DV
DD
AOE
SDRAS
SSOE
/
/
AWE
SDWE
SSWE
/
/
ARE
SDCAS
SSADS
/
/
V
SS
DV
DD
EA11
EA13
EA15
V
SS
EA19
CE1
CV
DD
V
SS
BE0
DV
DD
CV
DD
CE0
EA17
DV
DD
EA12
DV
DD
EA10
EA8
EA5
EA3
CE3
BE3
ED16
CV
DD
ED19
ED20
ED22
ED28
SCL0
FSX1
CLKR1/
AXR0[6]
DR1/
SDA1
DR0/
AXR0[0]
DX0/
AXR0[1]
FSR1/
AXR0[7]
DV
DD
ED24
ED21
ED29
SDA0
DX1
AXR0[5]
CLKX1/
AMUTE0
CLKS1/
SCL1
GP[5]
(EXT_INT5)
AMUTEIN0
GP[4]
(EXT_INT4)
AMUTEIN1
GP[7]
(EXT_INT7)
GP[6]
(EXT_INT6)
CLKS0
AHCLKR0
ED27
ED25
ED23
ED30
ED31
ED26
DV
DD
EA21
BE1
V
SS
V
SS
V
SS
V
SS
CV
DD
V
SS
CV
DD
V
SS
DV
DD
CV
DD
DV
DD
V
SS
V
SS
V
SS
V
SS
CV
DD
CV
DD
CV
DD
CV
DD
DV
DD
DV
DD
V
SS
V
SS
V
SS
CV
DD
CV
DD
CV
DD
V
SS
ED13
ED6
ED9
DV
DD
ED2
ED0
DV
DD
ED15
ED7
V
SS
ED11
ED3
ED1
ED4
ED14
ED8
ED10
ED12
CV
DD
V
SS
ED5
HOLD
HINT/
GP[1]
HRDY/
ACLKR[1]
HCS/
AXR1[1]
HAS/
ACLKX1
HDS/
AXR1[6]
HDS2/
AXR1[5]
HCNTL1/
AXR1[1]
HCNTL0/
AXR1[3]
HD6/
AHCLKR1
HD9/
GP[9]
HD5/
AHCLKX1
HD12/
GP[12]
HD14/
GP[14]
HD15/
GP[15]
HD13/
GP[13]
HD11/
GP[11]
HD10/
GP[10]
HD8/
GP[8]
HD7/
GP[3]
HD4/
GP[0]
HD2/
AFSX1
HD3/
AMUTE1
HD1/
AXR1[7]
HHWIL/
AFSR[1]
HD0/
AXR1[4]
HR/ /
AXR1[0]
W
HOLDA
BUS
REQ
V
SS
V
SS
V
SS
V
SS
V
SS
DV
DD
CV
DD
CV
DD
V
SS
CV
DD
DV
DD
FSR0/
AFSR0
CLKR0/
ACLKR0
CLKX0/
ACLKX0
TOUT0/
AXR0[2]
TOUT1/
AXR0[4]
TINP0/
AXR0[3]
TINP1/
AHCLKX0
FSX0/
AFSX0
V
SS
V
SS
V
SS
DV
DD
DV
DD
CV
DD
CV
DD
CV
DD
CV
DD
CV
DD
DV
DD
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
EMU2
CLKIN
CLK
MODE0
PLLHV
RSV
RSV
CV
DD
V
SS
TRST
TCK
TDI
TMS
CV
DD
CV
DD
CV
DD
CV
DD
CV
DD
CV
DD
DV
DD
DV
DD
DV
DD
DV
DD
RSV
RSV
RSV
RSV
V
SS
V
SS
V
SS
TD0
CV
DD
EMU1
EMU0 CLKOUT3
DV
DD
EMU3
CV
DD
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
RSV
EMU4
EMU5
NMI
RESET
DV
DD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
ShadingdenotestheGDPpackagepinfunctionsthatdropoutonthePYPpackage.
SM320C6713-EP
SM320C6713B-EP
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SGUS049H – AUGUST 2003 – REVISED SEPTEMBER 2008
www.ti.com
GDP 272-BALL BGA PACKAGE
(BOTTOM VIEW)
DEVICE INFORMATION
6
Submit Documentation Feedback


Số phần tương tự - SM320CC6713GJL20EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
UNIOHM CORPORATION
SM320C UNIOHM-SM320C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320C SECOS-SM320C Datasheet
204Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM320C TAYCHIPST-SM320C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
   VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM320C GWSEMI-SM320C Datasheet
65Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - SM320CC6713GJL20EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com