công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72T371N4T1 bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện ST72T371N4T1
Giải thích chi tiết về linh kiện  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T371N4T1 bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button ST72T371N4T1 Datasheet HTML 2Page - STMicroelectronics ST72T371N4T1 Datasheet HTML 3Page - STMicroelectronics ST72T371N4T1 Datasheet HTML 4Page - STMicroelectronics ST72T371N4T1 Datasheet HTML 5Page - STMicroelectronics ST72T371N4T1 Datasheet HTML 6Page - STMicroelectronics ST72T371N4T1 Datasheet HTML 7Page - STMicroelectronics ST72T371N4T1 Datasheet HTML 8Page - STMicroelectronics ST72T371N4T1 Datasheet HTML 9Page - STMicroelectronics ST72T371N4T1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
6/94
ST72371/ST72372
PIN DESCRIPTION (Cont’d)
Table 1. ST72371N Pin Description
Pin n
°
QFP64
Pin n
°
SDIP56
Pin Name
Type
Description
Remarks
1
NC
Not Connected
2
22
PD6
I/O
Port D6
3
23
PD5
I/O
Port D5
External Interrupt: EI0
4
24
PD4
I/O
Port D4
External Interrupt: EI1
5
25
PD3
I/O
Port D3
External Interrupt: EI2
6
26
PD2
I/O
Port D2
7
27
PD1
I/O
Port D1
8
28
PD0
I/O
Port D0
929
VSS
S
Ground
10
30
ICAP2
I
Timer Input Capture 2 with 256 prescaler
Not for general purpose I/O
11
31
VDD
S
Main power supply
12
32
PC0/OCMP
I/O
Port C0 or Timer Output Compare
13
33
PC1
I/O
Port C1
14
34
PC2
I/O
Port C2
External Interrupt: EI4
15
35
PC3
I/O
Port C3
16
NC
Not Connected
17
NC
Not Connected
18
36
PC4/SCLI
I/O
Port C4 or I2C Serial Clock
19
37
PC5/SDAI
I/O
Port C5 or I2C Serial Data
20
38
PC6/RDI
I/O
Port C6, or SCI Receive Data Input
21
39
PC7/TDO
I/O
Port C7 or SCI Transmit Data Output
22
40
NU
Non User pin. Must be left unconnected
23
41
NU
Non User pin. Must be left unconnected
24
42
NU
Non User pin. Must be left unconnected
25
43
NU
Non User pin. Must be left unconnected
26
44
OSCOUT
O
Input/Out put Oscillator pin.These pins connect a parallel-resonant crystal,
or an external source to the on-chip oscillator.
27
45
OSCIN
I
28
46
PA7
I/O
Port A7, High Sink
29
47
PA6
I/O
Port A6, High Sink
30
48
PA5
I/O
Port A5, High Sink
31
49
PA4
I/O
Port A4, High Sink
32
NC
Not Connected
33
NC
Not Connected
34
50
PA3
I/O
Port A3, High Sink
35
51
PA2
I/O
Port A2, High Sink
36
52
PA1
I/O
Port A1, High Sink
37
53
PA0
I/O
Port A0, High Sink
38
54
RESET
I/O
Bidirectional. Active low. Top priority non
maskable interrupt.
Can be used to reset exter-
nal peripherals.
39
55
NU
I/O
Non User pin. Must be left unconnected
6


Số phần tương tự - ST72T371N4T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72T37X STMICROELECTRONICS-ST72T37X Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
More results

Mô tả tương tự - ST72T371N4T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST52T301 STMICROELECTRONICS-ST52T301 Datasheet
497Kb / 100P
   8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
logo
NXP Semiconductors
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
logo
STMicroelectronics
ST90E27 STMICROELECTRONICS-ST90E27 Datasheet
977Kb / 22P
   16K EPROM HCMOS MCUS WITH RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com