công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMDA12C-8.T bảng dữ liệu(PDF) 6 Page - Semtech Corporation

tên linh kiện SMDA12C-8.T
Giải thích chi tiết về linh kiện  Bidirectional TVS Array for Protection of Eight Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA12C-8.T bảng dữ liệu(HTML) 6 Page - Semtech Corporation

  SMDA12C-8.T Datasheet HTML 1Page - Semtech Corporation SMDA12C-8.T Datasheet HTML 2Page - Semtech Corporation SMDA12C-8.T Datasheet HTML 3Page - Semtech Corporation SMDA12C-8.T Datasheet HTML 4Page - Semtech Corporation SMDA12C-8.T Datasheet HTML 5Page - Semtech Corporation SMDA12C-8.T Datasheet HTML 6Page - Semtech Corporation SMDA12C-8.T Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMDA05C-8 through SMDA24C-8
Land Pattern - SO-14
Outline Drawing - SO-14
bxN
2X N/2 TIPS
SEATING
aaa C
E/2
2X
3
A
D
A1
E1
bbb
C A-B D
ccc C
A2
PLANE
N
12
A
e
D
C
B
DETAIL
A
c
L
(L1)
01
0.25
GAGE
PLANE
h
h
H
SEE DETAIL
A
SIDE VIEW
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
REFERENCE JEDEC STD MS-012, VARIATION AB.
4.
.050 BSC
.236 BSC
14
.010
.150
.337
.154
.341
.012
-
14
0.25
1.27 BSC
6.00 BSC
3.90
8.65
-
.157
.344
3.80
8.55
.020 0.31
4.00
8.75
0.51
(.041)
.004
.008
-
.028
-
-
-
-
.016
.007
.049
.004
.053
0.20
0.10
-
0.40
0.17
1.25
0.10
.041
.010
.069
.065
.010
1.35
(1.04)
0.72
-
1.04
0.25
-
-
-
1.75
1.65
0.25
0.25
-
.010
.020
0.50
-
L1
ccc
aaa
bbb
01
N
DIM
E1
D
A1
A2
DIMENSIONS
MILLIMETERS
MIN
e
L
h
E
b
c
INCHES
NOM
MIN
A
MAX
MAX
NOM
E
Z
G
Y
P
(C)
X
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
REFERENCE IPC-SM-782A, RLP NO. 302A.
2.
.291
.087
.024
.118
(.205)
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
G
MILLIMETERS
.050
(5.20)
7.40
2.20
0.60
3.00
1.27


Số phần tương tự - SMDA12C-8.T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SMDA12C-8 SEMTECH-SMDA12C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
logo
General Semiconductor
SMDA12C-8 GE-SMDA12C-8 Datasheet
40Kb / 2P
   SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMDA12C-8 MICROSEMI-SMDA12C-8 Datasheet
227Kb / 2P
   TVSarray Series
logo
Socay Electornics Co., ...
SMDA12C-8 SOCAY-SMDA12C-8 Datasheet
269Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
SMDA12C-8 LEIDITECH-SMDA12C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
More results

Mô tả tương tự - SMDA12C-8.T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
SMDA05C SEMTECH-SMDA05C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
logo
Semtech Corporation
SMDA05C SEMTECH-SMDA05C_06 Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05C-7 SEMTECH-SMDA05C-7 Datasheet
165Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines????
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com