công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMDA05C-8 bảng dữ liệu(PDF) 1 Page - Semtech Corporation

tên linh kiện SMDA05C-8
Giải thích chi tiết về linh kiện  Bidirectional TVS Array for Protection of Eight Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA05C-8 bảng dữ liệu(HTML) 1 Page - Semtech Corporation

  SMDA05C-8_05 Datasheet HTML 1Page - Semtech Corporation SMDA05C-8_05 Datasheet HTML 2Page - Semtech Corporation SMDA05C-8_05 Datasheet HTML 3Page - Semtech Corporation SMDA05C-8_05 Datasheet HTML 4Page - Semtech Corporation SMDA05C-8_05 Datasheet HTML 5Page - Semtech Corporation SMDA05C-8_05 Datasheet HTML 6Page - Semtech Corporation SMDA05C-8_05 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SMDA05C-8 through SMDA24C-8
Bidirectional TVS Array
for Protection of Eight Lines
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20µs)
Small SO-14 surface mount package
Protects eight I/O lines
Working voltages: 5V, 12V, 15V and 24V
Low leakage current
Low operating and clamping voltages
Solid-state silicon avalanche technology
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 04/12/05
Applications
Mechanical Characteristics
The SMDAxxC-8 series of transient voltage suppres-
sors are designed to protect components which are
connected to data and transmission lines from voltage
surges caused by electrostatic discharge (ESD), electri-
cal fast transients (EFT), and lightning.
TVS diodes are characterized by their high surge
capability, low operating and clamping voltages, and
fast response time. This makes them ideal for use as
board level protection of sensitive semiconductor
components. The SMDAxxC-8 is designed to provide
transient suppression on multiple data lines and I/O
ports. The low profile SO-14 design allows the user to
protect up to eight data and I/O lines with one pack-
age. They are bidirectional device and may be used on
lines where the normal operating voltage is above and
below ground (i.e. -12V to +12V).
The SMDAxxC-8 TVS diode array will meet the surge
requirements of IEC 61000-4-2 (Formerly IEC 801-2),
Level 4, “Human Body Model” for air and contact
discharge.
SO-14 (Top View)
RS-232 and RS-422 Data Lines
Microprocessor Based Equipment
LAN/WAN Equipment
Set-Top Box
Notebooks, Desktops, and Servers
Portable Instrumentation
Peripherals
Serial and Parallel Ports
JEDEC SO-14 package
Molding compound flammability rating: UL 94V-0
Marking : Part Number, Logo, Date Code
Packaging : Tape and Reel per EIA 481
RoHS/WEEE Compliant
1
2
3
4
5
6
78
9
10
11
12
13
14
7 & 8
2 3 12 13
5 6 9 10
1 & 14


Số phần tương tự - SMDA05C-8_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SMDA05C-8TE SEMTECH-SMDA05C-8TE Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
More results

Mô tả tương tự - SMDA05C-8_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
SMDA05C SEMTECH-SMDA05C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
logo
Semtech Corporation
SMDA05C SEMTECH-SMDA05C_06 Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05C-7 SEMTECH-SMDA05C-7 Datasheet
165Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines????
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com