công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMDA15.TB bảng dữ liệu(PDF) 1 Page - Semtech Corporation

tên linh kiện SMDA15.TB
Giải thích chi tiết về linh kiện  Unidirectional TVS Array for Protection of Four Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA15.TB bảng dữ liệu(HTML) 1 Page - Semtech Corporation

  SMDA15.TB Datasheet HTML 1Page - Semtech Corporation SMDA15.TB Datasheet HTML 2Page - Semtech Corporation SMDA15.TB Datasheet HTML 3Page - Semtech Corporation SMDA15.TB Datasheet HTML 4Page - Semtech Corporation SMDA15.TB Datasheet HTML 5Page - Semtech Corporation SMDA15.TB Datasheet HTML 6Page - Semtech Corporation SMDA15.TB Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SMDA05 through SMDA24
Unidirectional TVS Array
for Protection of Four Lines
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20µs)
Undirectional protection
Small SO-8 package
Protects four I/O lines
Working voltages: 5V, 12V, 15V and 24V
Low leakage current
Low operating and clamping voltages
Solid-state silicon avalanche technology
Description
Features
Schematic & PIN Configuration
Revision 08/15/06
Applications
Mechanical Characteristics
The SMDAxx series of TVS arrays are designed to provide
undirectional protection for sensitive electronics from
damage or latch-up due to ESD, lightning, and other
voltage-induced transient events. Each device will
protect four data or I/O lines. They are available with
operating voltages of 5V, 12V, 15V and 24V.
TVS diodes are solid-state devices designed specifically
for transient suppression. They offer desirable charac-
teristics for board level protection including fast re-
sponse time, low operating and clamping voltage and no
device degradation. The low profile SO-8 package allows
the user to protect up to four independent lines with one
package. The SMDAxx series is suitable protection for
sensitive semiconductors components such as micropro-
cessors, ASICs, transceivers, transducers, and CMOS
memory.
The SMDAxx series devices may be used to meet the
ESD immunity requirements of IEC 61000-4-2, level 4 for
air and contact discharge.
SO-8 (Top View)
JEDEC SO-8 package
Molding compound flammability rating: UL 94V-0
Marking : Part number, date code, logo
Packaging : Tube or Tape and Reel per EIA 481
RS-232 data lines
Microprocessor based equipment
Notebooks, Desktops, and Servers
Instrumentation
LAN/WAN equipment
Peripherals
Serial and Parallel Ports
1
2
3
45
6
7
8


Số phần tương tự - SMDA15.TB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SMDA15 SEMTECH-SMDA15 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
logo
Micro Commercial Compon...
SMDA15 MCC-SMDA15 Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDA15 MICROSEMI-SMDA15 Datasheet
103Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDA15 PROTEC-SMDA15 Datasheet
84Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
logo
SeCoS Halbleitertechnol...
SMDA15 SECOS-SMDA15 Datasheet
172Kb / 2P
   Transient Voltage Suppressors
More results

Mô tả tương tự - SMDA15.TB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05C SEMTECH-SMDA05C_06 Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05C SEMTECH-SMDA05C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com