công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMDA05C-7 bảng dữ liệu(PDF) 5 Page - Semtech Corporation

tên linh kiện SMDA05C-7
Giải thích chi tiết về linh kiện  Bidirectional TVS Array for Protection of Seven Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA05C-7 bảng dữ liệu(HTML) 5 Page - Semtech Corporation

  SMDA05C-7 Datasheet HTML 1Page - Semtech Corporation SMDA05C-7 Datasheet HTML 2Page - Semtech Corporation SMDA05C-7 Datasheet HTML 3Page - Semtech Corporation SMDA05C-7 Datasheet HTML 4Page - Semtech Corporation SMDA05C-7 Datasheet HTML 5Page - Semtech Corporation SMDA05C-7 Datasheet HTML 6Page - Semtech Corporation SMDA05C-7 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMDA05C-7 THRU SMDA24C-7
Circuit Diagram
Connection Diagram
Device Connection for Protection of Seven Data Lines
The SMDAxxC-7 is designed to protect up to 7 data or
I/O lines. They are bidirectional devices and may be
used on lines where the signal polarities are above and
below ground.
The SMDAxxC-7 TVS arrays employ a monolithic struc-
ture. Therefore, the working voltage (V
RWM) and break-
down voltage (V
BR) specifications apply to the differen-
tial voltage between any two data line pins. For ex-
ample, the SMDA24C-7 is designed for a maximum
voltage excursion of ±12V between any two data lines.
The device is connected as follows:
Pins 1, 2, 3, 4, 5, 6 and 7 are connected to the
lines that are to be protected. Pin 8 is connected
to ground. The ground connections should be
made directly to the ground plane for best results.
The path length is kept as short as possible to
reduce the effects of parasitic inductance in the
board traces.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of ESD induced transients. The following guidelines are
recommended:
Place the TVS near the input terminals or connec-
tors to restrict transient coupling.
Minimize the path length between the TVS and the
protected line.
Minimize all conductive loops including power and
ground loops.
The ESD transient return path to ground should be
kept as short as possible.
Never run critical signals near board edges.
Use ground planes whenever possible.
123
4
5
6
7
8
DATA IN
DATA OUT
DATA IN
DATA OUT
Applications Information


Số phần tương tự - SMDA05C-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SMDA05C-7 SEMTECH-SMDA05C-7 Datasheet
165Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines????
logo
Micro Commercial Compon...
SMDA05C-7 MCC-SMDA05C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMDA05C-7 MICROSEMI-SMDA05C-7 Datasheet
94Kb / 2P
   TVSarray Series
logo
Socay Electornics Co., ...
SMDA05C-7 SOCAY-SMDA05C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA05C-7 SOCAY-SMDA05C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results

Mô tả tương tự - SMDA05C-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
logo
Semtech Corporation
SMDA05C-7 SEMTECH-SMDA05C-7 Datasheet
165Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines????
logo
Shanghai Leiditech Elec...
SMDA05C-7 LEIDITECH-SMDA05C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA12C-7 LEIDITECH-SMDA12C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA24C-7 LEIDITECH-SMDA24C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
logo
Semtech Corporation
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com