công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NE216 bảng dữ liệu(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
NE216 bảng dữ liệu(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 2 page www.baumerivo.com www.baumerivo.com Preset counters electronic www.baumerivo.com 2 NE216 Part number NE216. AX01 Voltage supply 1 22...50 VAC 2 85...265 VAC 3 12...30 VDC Outputs 1 Relay outputs 2 Electronic outputs Interface 0 Without interface 1 RS485 2 presets, totalizer and batch counter Display LED, 5-digits, programmable Comparator inputs Input circuit Inputs PNP- / NPN- / AC-logic Input level Programmable Input level Low 0...2 VDC Input level High 3...40 VDC Input resistance 3 kΩ Relay outputs Output circuit Switching voltage max. 250 VAC / 110 VDC Switching current max. 1 A Switching capacity max. 150 VA / 30 W Relay responding time 5 ms Electronical outputs Output circuit Optocoupler short-circuit proof Switching voltage max. 40 V Switching current max. 25 mA Residual voltage <1 V Trigger level Voltage supply Signal input A B Control input 1 2 Totalizer Interface RS485 A 90° B Main counter with 2 presets start count scaling factor Operating time meter T,R- T,R+ 1 2 3 4 5 6 7 8 9 10 12 13 14 15 P2 Output Sensor supply + - P1 + - Block circuit diagram Dimensions 60.8 48 100 10 1-6 7 Relay outputs Electronic outputs 15 14 13 12 11 10 98 7 6 P2 P1 54 32 1 RS485 Sensor- supply Control input Signal input terminal - terminal/ max. 265 V - terminal 15 14 13 12 11 10 98 7 6 P2 P1 54 32 1 RS485 Sensor supply Control input Signal input terminal - terminal / max. 265 V - terminal Outputs Outputs Connection diagram Accessories Adaptor plates (page %S) Z 118.033 Adaptor plate for screw mount, face 60 x 75 mm Z 118.034 Adaptor plate for clip mount, face 53.2 x 53.2 mm Z 118.035 Adaptor plate for clip mount, face 60 x 75 mm |
Số phần tương tự - NE216 |
|
Mô tả tương tự - NE216 |