công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M410.010B03A bảng dữ liệu(PDF) 2 Page - Baumer IVO GmbH & Co. KG

tên linh kiện M410.010B03A
Giải thích chi tiết về linh kiện  Totalizers mechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IVO [Baumer IVO GmbH & Co. KG]
Trang chủ  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

M410.010B03A bảng dữ liệu(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  M410.010B03A Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG M410.010B03A Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG M410.010B03A Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG M410.010B03A Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers mechanic
www.baumerivo.com
2
H 410, M 410, U 410, M 411, U 411
Stroke, meter and revolution counters
Display 5 digits, manual reset by lever
H 410, M 410, U 410
Away from user
Towards user
Sense of rotation or
Sense of rotation or
stroke direction I
stroke direction II
M 411, U 411
Sense of rotation I
Sense of rotation II
Direction of strokes and rotation
Technical data - mechanical design
M 410
Function
Meter counter
Display
White numbers on black
Decimal digits in red
Count mode
Adding in a rotational direction
to be indicated, subtracing in
reverse direction.
See part number key
Drive shaft
Both sides, ø7 mm
Measuring speed
<200 m/min (measuring wheel)
Measuring precision
1 dm, 1 cm
Measuring range
9999.9 m
M 411
Function
Meter counter
Display
White numbers on black
Decimal digits in red
Count mode
Adding in a rotational direction
to be indicated, subtracing in
reverse direction.
See part number key
Drive shaft
Centered below, ø7 mm
Measuring speed
<60 m/min
Measuring precision
1 dm
Measuring range
9999.9 m
U 410
Function
Revolution counter
Display
White numbers on black
Count mode
Adding in a rotational direction
to be indicated, subtracting in
reverse direction. 1 rev. = 1
count
Drive shaft
Both sides, ø7 mm
Operating speed
≤3000 rpm
Measuring range
99 999
U 411
Function
Revolution counter
Display
White numbers on black
Count mode
Adding in a rotational direction
to be indicated, subtracting in
reverse direction. 1 rev. = 1
count
Drive shaft
Centered below, ø7 mm
Operating speed
≤1000 rpm
Measuring range
99 999
Accessories
Measuring wheels for M 410, M 411
MR512.07A Circumf. 50 cm, knurled aluminium
MR542.07D Circumf. 50 cm, smooth Hytrel TPE-E
MR552.07A Circumf. 50 cm, smooth Vulkollan PUR
MR562.07A Circumf. 50 cm, knopped rubber NBR Nitril
MR592.07D Circumf. 50 cm, grooved Hytrel TPE-E


Số phần tương tự - M410.010B03A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Baumer IVO GmbH & Co. K...
M410.A01 IVO-M410.A01 Datasheet
309Kb / 2P
   Totalizers mechanic
M410.A02 IVO-M410.A02 Datasheet
309Kb / 2P
   Totalizers mechanic
More results

Mô tả tương tự - M410.010B03A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Baumer IVO GmbH & Co. K...
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
M410A IVO-M410A Datasheet
309Kb / 2P
   Totalizers mechanic
T120 IVO-T120 Datasheet
313Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
M275 IVO-M275 Datasheet
362Kb / 2P
   Totalizers mechanic
H300 IVO-H300 Datasheet
451Kb / 4P
   Totalizers mechanic
H310 IVO-H310 Datasheet
448Kb / 4P
   Totalizers mechanic
M310A IVO-M310A Datasheet
305Kb / 2P
   Totalizers mechanic
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com