công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12026AIBZ bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL12026AIBZ
Giải thích chi tiết về linh kiện  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12026AIBZ bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL12026AIBZ Datasheet HTML 7Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 8Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 9Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 10Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 11Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 12Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 13Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 14Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FN8231.8
October 28, 2008
INT Register: Interrupt Control and
Frequency Output Register
IM, AL1E, AL0E - Interrupt Control and Status Bits
There are two Interrupt Control bits, Alarm 1 Interrupt Enable
(AL1E) and Alarm 0 Interrupt Enable (AL0E) to specifically
enable or disable the alarm interrupt signal output
(IRQ/FOUT). The interrupts are enabled when either the
AL1E or AL0E or both bits are set to ‘1’ and both the FO1
and FO0 bits are set to 0 (FOUT disabled).
The IM bit enables the pulsed interrupt mode. To enter this
mode, the AL0E or AL1E bits are set to “1”, and the IM bit to
“1”. The IRQ/FOUT output will now be pulsed each time an
alarm occurs. This means that once the interrupt mode alarm
is set, it will continue to alarm for each occurring match of the
alarm and present time. This mode is convenient for hourly or
daily hardware interrupts in microcontroller applications such
as security cameras or utility meter reading.
In the case that both Alarm 0 and Alarm 1 are enabled, the
IRQ/FOUT pin will be pulsed each time either alarm matches
the RTC (both alarms can provide hardware interrupt). If the
IM bit is also set to "1", the IRQ/FOUT will be pulsed for each
of the alarms as well.
FO1, FO0 - Programmable Frequency Output Bits
These are two output control bits. They select one of three
divisions of the internal oscillator, that is applied to the
IRQ/FOUT output pin. Table 4 shows the selection bits for
this output. When using this function, the Alarm output
function is disabled.
Oscillator Compensation Registers
There are two trimming options.
• ATR. Analog Trimming Register
• DTR. Digital Trimming Register
These registers are non-volatile. The combination of analog
and digital trimming can give up to -64 to +110 ppm of total
adjustment.
ATR Register - ATR5, ATR4, ATR3, ATR2, ATR1,
ATR0: Analog Trimming Register
6 analog trimming bits, ATR0 to ATR5, are provided in order
to adjust the on-chip load capacitance value for frequency
compensation of the RTC. Each bit has a different weight for
capacitance adjustment. For example, using a Citizen CFS-
206 crystal with different ATR bit combinations provides an
estimated ppm adjustment range from -34 to +80ppm to the
nominal frequency compensation.
The effective on-chip series load capacitance, CLOAD,
ranges from 4.5pF to 20.25pF with a mid-scale value of
12.5pF (default). CLOAD is changed via two digitally
controlled capacitors, CX1 and CX2, connected from the X1
and X2 pins to ground (see Figure 8). The value of CX1 and
CX2 is given by Equation 1:
The effective series load capacitance is the combination of
CX1 and CX2:
For example, CLOAD(ATR = 00000) = 12.5pF, CLOAD
(ATR = 100000) = 4.5pF, and CLOAD(ATR = 011111) = 20.25pF.
The entire range for the series combination of load capacitance
goes from 4.5pF to 20.25pF in 0.25pF steps. Note that these
are typical values.
TABLE 3.
PROTECTED ADDRESSES
ISL12026
ARRAY LOCK
0
0
0
None (Default)
None
0
0
1
180h – 1FFh
Upper 1/4
0
1
0
100h – 1FFh
Upper 1/2
0
1
1
000h – 1FFh
Full Array
10
0
000h – 03Fh
First 4 Pages
10
1
000h – 07Fh
First 8 Pages
1
1
0
000h – 0FFh
First 16 Pages
1
1
1
000h – 1FFh
Full Array
TABLE 4. PROGRAMMABLE FREQUENCY OUTPUT BITS
FO1
FO0
OUTPUT FREQUENCY
0
0
Alarm output (FOUT disabled)
0
1
32.768kHz
1
0
4096Hz
11
1Hz
FIGURE 8. DIAGRAM OF ATR
CX1
X1
X2
CRYSTAL
OSCILLATOR
CX2
C
X
16 b5
8b4
4 b3
2b2
1 b1
0.5b0
9
+
+
+
+
+
+
()pF
=
(EQ. 1)
C
LOAD
1
1
C
X1
-----------
1
C
X2
-----------
+
⎝⎠
⎛⎞
-----------------------------------
=
C
LOAD
16 b5
8 b4
4 b3
2 b2
1 b1
0.5 b0
9
+
+
+
+
+
+
2
-----------------------------------------------------------------------------------------------------------------------------
⎝⎠
⎛⎞
pF
=
(EQ. 2)
ISL12026, ISL12026A


Số phần tương tự - ISL12026AIBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12026AIBZ INTERSIL-ISL12026AIBZ Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026AIBZ RENESAS-ISL12026AIBZ Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

Mô tả tương tự - ISL12026AIBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com