công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12026 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL12026
Giải thích chi tiết về linh kiện  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12026 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL12026_08 Datasheet HTML 1Page - Intersil Corporation ISL12026_08 Datasheet HTML 2Page - Intersil Corporation ISL12026_08 Datasheet HTML 3Page - Intersil Corporation ISL12026_08 Datasheet HTML 4Page - Intersil Corporation ISL12026_08 Datasheet HTML 5Page - Intersil Corporation ISL12026_08 Datasheet HTML 6Page - Intersil Corporation ISL12026_08 Datasheet HTML 7Page - Intersil Corporation ISL12026_08 Datasheet HTML 8Page - Intersil Corporation ISL12026_08 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FN8231.8
October 28, 2008
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, and IRQ/FOUT Pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on X1 and X2 Pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V
Latchup (Note 1) . . . . . . . . . . . . . . . . . . . Class II, Level B @ +85°C
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .175V
Thermal Resistance (Typical, Note 2)
θ
JA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
120
8 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . . .
140
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: Using a max positive pulse of 8.35V on all pins except X1 and
X2, Using a max positive pulse of 2.75V on X1 and X2, and using a max negative pulse of -1V for all pins.
2.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Electrical Specifications
Unless otherwise noted, VDD = +2.7V to +5.5V, TA = -40°C to +85°C, Typical values are @ TA = +25°C
and VDD = 3.3V.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12)
UNIT
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Backup Power Supply
1.8
5.5
V
Electrical Specifications
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12)
UNIT
NOTES
IDD1
Supply Current with I2C Active
VDD = 2.7V
500
µA
3, 4, 5
VDD = 5.5V
800
µA
IDD2
Supply Current for Non-Volatile
Programming
VDD = 2.7V
2.5
mA
3, 4, 5
VDD = 5.5V
3.5
mA
IDD3
Supply Current for Main
Timekeeping (Low Power Mode)
VDD = VSDA = VSCL = 2.7V
10
µA
5
VDD = VSDA = VSCL = 5.5V
20
µA
IBAT
Battery Supply Current
VBAT = 1.8V,
VDD = VSDA = VSCL = VRESET = 0
800
1000
nA
3, 6, 7
VBAT = 3.0V,
VDD = VSDA = VSCL = VRESET = 0
850
1200
nA
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
VTRIP
VBAT Mode Threshold
1.8
2.2
2.6
V
7
VTRIPHYS VTRIP Hysteresis
30
mV
7, 10, 13
VBATHYS
VBAT Hysteresis
50
mV
7, 10, 13
VDD SR-
VDD Negative Slew Rate
10
V/ms
8
IRQ/FOUT
VOL
Output Low Voltage
VDD = 5V
IOL = 3mA
0.4
V
VDD = 1.8V
IOL = 1mA
0.4
V
ILO
Output Leakage Current
VDD = 5.5V
VOUT = 5.5V
100
400
nA
ISL12026, ISL12026A


Số phần tương tự - ISL12026_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12026A INTERSIL-ISL12026A Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026A INTERSIL-ISL12026A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12026A RENESAS-ISL12026A Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12026AIBZ INTERSIL-ISL12026AIBZ Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026AIBZ RENESAS-ISL12026AIBZ Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

Mô tả tương tự - ISL12026_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com