công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21060CFH641Z-TK bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện ISL21060CFH641Z-TK
Giải thích chi tiết về linh kiện  Precision Reference with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060CFH641Z-TK bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button ISL21060CFH641Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN6706.3
December 16, 2008
Electrical Specifications (ISL21060-41, VOUT = 4.096V) VIN = 5.0V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
4.096
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21060B41
-1.0
+1.0
mV
ISL21060C41
-2.5
+2.5
mV
TC VOUT
Output Voltage Temperature Coefficient
(Note 3)
ISL21060B
10
ppm/°C
ISL21060C
25
ppm/°C
VIN
Input Voltage Range
4.3
5.5
V
IIN
Supply Current
EN = VIN
20
40
µA
ΔV
OUT /ΔVIN
Line Regulation
4.3V < VIN < 5.5V
50
150
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 10mA
10
50
µV/mA
Sinking: -5mA
≤ I
OUT ≤ 0mA
130
400
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
tR
Turn on Settling Time
VOUT = ±0.1%
300
µs
Ripple Rejection
f = 10kHz
75
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
10
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
2.5
µVRMS
Noise Density
f = 1kHz
60
nV/
√Hz
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 4)
ΔT
A = +165°C
100
ppm
ΔV
OUT/Δt
Long Term Stability (Note 5)
TA = +25°C
100
ppm
OUTPUT DISABLE
VENH
Enable Logic High (ON)
1.6
V
VENL
Enable Logic Low (OFF)
0.8
V
IINSD
Shutdown Supply Current
VEN ≤ 0.35V
0.4
1.5
µA
NOTES:
3. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
4. Thermal Hysteresis is the change of VOUT measured @ TA = +25°C after temperature cycling over a specified range, ΔTA. VOUT is read initially
at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For Δ TA = +165°C, the device under test is cycled
from +25°C to +125°C to -40°C to +25°C.
5. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately 10ppm/
√1khrs.
ISL21060


Số phần tương tự - ISL21060CFH641Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21060CFH641Z-TK INTERSIL-ISL21060CFH641Z-TK Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21060CFH641Z-TK RENESAS-ISL21060CFH641Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

Mô tả tương tự - ISL21060CFH641Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com