công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21060BFH620Z-TK bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL21060BFH620Z-TK
Giải thích chi tiết về linh kiện  Precision Reference with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060BFH620Z-TK bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL21060BFH620Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21060BFH620Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21060BFH620Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21060BFH620Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21060BFH620Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21060BFH620Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21060BFH620Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21060BFH620Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21060BFH620Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN6706.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL21060
Precision Reference with Disable
Precision, Low Noise FGA™ Voltage
References
The ISL21060 FGA™ voltage references are low power,
high precision voltage references fabricated on Intersil’s
proprietary Floating Gate Analog technology. A new disable
feature allows the device to shut down the output and reduce
supply current drain from 15µA operating to <500nA.
The ISL21060 family features guaranteed initial accuracy as
low as ±1.0mV with drift down to 10ppm/°C. Noise is
typically 10µVP-P (10Hz BW). This combination of high initial
accuracy, low power and low output noise performance of
the ISL21060 enables versatile high performance control
and data acquisition applications with low power
consumption.
Pinout
ISL21060
(6 LD SOT-23)
TOP VIEW
Features
• Reference Output Voltage . . . . . . . . . . . . 2.048V, 2.500V,
3.000V, 3.300V, 4.096V
• Initial Accuracy . . . . . . . . . . . . . . . . . . . ..±1.0mV, ±2.5mV
• Input Voltage Range
- ISL21060-20 . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
- ISL21060-25 . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
- ISL21060-30 . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL21060-33 . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
- ISL21060-41 . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 5.5V
• Output Voltage Noise . . . . . . . . . 10µVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . .40µA (Max)
• Tempco. . . . . . . . . . . . . . . . . . . . . . . 10ppm/°C, 25ppm/°C
• Output Current Capability. . . . . . . . . . . . . . +10.0mA/-5mA
• Operating Temperature Range. . . . . . . . . -40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Ld SOT-23
• Pb-Free (RoHS compliant)
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Basestations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment
VOUTS
5
VOUTF
VIN
NC
GND
EN
1
2
3
4
6
Data Sheet
December 16, 2008


Số phần tương tự - ISL21060BFH620Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21060BFH620Z-TK INTERSIL-ISL21060BFH620Z-TK Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21060BFH620Z-TK RENESAS-ISL21060BFH620Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

Mô tả tương tự - ISL21060BFH620Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com