công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-80C32E-30-E bảng dữ liệu(PDF) 1 Page - ATMEL Corporation

tên linh kiện MC-80C32E-30-E
Giải thích chi tiết về linh kiện  Rad. Tolerant 8-bit ROMless Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MC-80C32E-30-E bảng dữ liệu(HTML) 1 Page - ATMEL Corporation

  MC-80C32E-30-E Datasheet HTML 1Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 2Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 3Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 4Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 5Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 6Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 7Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 8Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev. 4149N–AERO–04/07
1
Features
8032 Pin and Instruction Compatible
Four 8-bit I/O Ports
Three 16-bit Timer/Counters
256 bytes RAM
Full-duplex UART
Asynchronous Port Reset
6 Sources, 2 Level Interrupt Structure
64 Kbytes Program Memory Space
64 Kbytes Data Memory Space
Power Control Modes
Idle Mode
Power-down Mode
On-chip Oscillator
Operating Frequency: 30 MHz
Power Supply: 4.5V to 5.5V
Temperature Range: Military (-55oC to 125oC)
No Single Event Latch-up below a LET Threshold of 80 MeV/mg/cm2
Tested up to a Total Dose of 30 krads (Si) according to MIL STD 883 Method 1019
Packages: Side Brazed 40-pin, MQFPJ 44-pin
Quality grades: QML Q and V with SMD 5962-00518 and ESCC with Specification
9521002
Description
The 80C32E is a radiation tolerant ROMless version of the 80C52 single chip 8-bit
microcontroller.
The 80C32E retains all the features of the 80C32 with 256 bytes of internal RAM, a 6-
source, 2-level interrupt system, an on-chip oscillator and three 16-bit timer/counters.
The fully static design of the 80C32E reduces system power consumption by bringing
the clock frequency down to any value, even DC, without loss of data.
The 80C32E has 2 software-selectable modes of reduced activity for further reduction
in power consumption. In the idle mode the CPU is frozen while the timers, the serial
port and the interrupt system are still operating. In the power-down mode the RAM is
saved and all other functions are inoperative.
Rad. Tolerant
8-bit ROMless
Microcontroller
80C32E


Số phần tương tự - MC-80C32E-30-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
MC-80C32E-30-E ATMEL-MC-80C32E-30-E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
AIMTEC
MC-80C32E-30-E AIMTEC-MC-80C32E-30-E Datasheet
206Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
More results

Mô tả tương tự - MC-80C32E-30-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
AIMTEC
80C32E AIMTEC-80C32E_03 Datasheet
206Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com