công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PZU4.3BA bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
PZU4.3BA bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
3 / 14 page PZUXBA_SER_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 19 September 2008 3 of 14 NXP Semiconductors PZUxBA series Single Zener diodes 4. Marking [1] * = B: tolerance series B, approximately ±5% * = B1, B2, B3: tolerance series B1, B2, B3: approximately ±2% Table 4. Marking codes Type number[1] Marking code Type number[1] Marking code B B1 B2 B3 B B1 B2 B3 PZU2.4*A X8 - - - PZU2.4*A/DG Y8 - - - PZU2.7*A X9 XA XB - PZU2.7*A/DG Y9 YA YB - PZU3.0*A XT XU XV - PZU3.0*A/DG YT YU YV - PZU3.3*A XW XX XY - PZU3.3*A/DG YW YX YY - PZU3.6*A XZ MC MD - PZU3.6*A/DG YZ NC ND - PZU3.9*A ME MF MG - PZU3.9*A/DG NE NF NG - PZU4.3*A MM MN MP MR PZU4.3*A/DG NM NN NP NR PZU4.7*A MS MT MU MV PZU4.7*A/DG NS NT NU NV PZU5.1*A MW MX MY MZ PZU5.1*A/DG NW NX NY NZ PZU5.6*A LF LG LH LK PZU5.6*A/DG RF RG RH RK PZU6.2*A LL LM LN LP PZU6.2*A/DG RL RM RN RP PZU6.8*A LR LS LT LU PZU6.8*A/DG RR RS RT RU PZU7.5*A LV LW LX LY PZU7.5*A/DG RV RW RX RY PZU8.2*A LZ CR CS CT PZU8.2*A/DG RZ ER ES ET PZU9.1*A CU CV CW CX PZU9.1*A/DG EU EV EW EX PZU10*A VA VB VC VD PZU10*A/DG WA WB WC WD PZU11*A VE VF VG VH PZU11*A/DG WE WF WG WH PZU12*A VK VL VM VN PZU12*A/DG WK WL WM WN PZU13*A VP VR VS VT PZU13*A/DG WP WR WS WT PZU14*A - - VU - PZU14*A/DG - - WU - PZU15*A VV VW VX VY PZU15*A/DG WV WW WX WY PZU16*A VZ X1 X2 X3 PZU16*A/DG WZ Y1 Y2 Y3 PZU18*A X4 X5 X6 X7 PZU18*A/DG Y4 Y5 Y6 Y7 PZU20*A XC XD XE XF PZU20*A/DG YC YD YE YF PZU22*A XG XH XK XL PZU22*A/DG YG YH YK YL PZU24*A XM XN XP XR PZU24*A/DG YM YN YP YR PZU27*A XS - - - PZU27*A/DG YS - - - PZU30*A MH - - - PZU30*A/DG NH - - - PZU33*A MK - - - PZU33*A/DG NK - - - PZU36*A ML - - - PZU36*A/DG NL - - - |
Số phần tương tự - PZU4.3BA |
|
Mô tả tương tự - PZU4.3BA |