công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9981BHL bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện TDA9981BHL
Giải thích chi tiết về linh kiện  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9981BHL bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button TDA9981BHL Datasheet HTML 4Page - NXP Semiconductors TDA9981BHL Datasheet HTML 5Page - NXP Semiconductors TDA9981BHL Datasheet HTML 6Page - NXP Semiconductors TDA9981BHL Datasheet HTML 7Page - NXP Semiconductors TDA9981BHL Datasheet HTML 8Page - NXP Semiconductors TDA9981BHL Datasheet HTML 9Page - NXP Semiconductors TDA9981BHL Datasheet HTML 10Page - NXP Semiconductors TDA9981BHL Datasheet HTML 11Page - NXP Semiconductors TDA9981BHL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
TDA9981B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 July 2008
8 of 41
NXP Semiconductors
TDA9981B
150 MHz pixel rate HDMI transmitter
8.
Functional description
The TDA9981B is designed to convert digital data (video and audio) into an HDMI or a
DVI stream. This HDMI stream can handle RGB, YCbCr 4:4:4 and YCbCr 4:2:2. The
TDA9981B can accept at its inputs any of the following video modes:
RGB
YCbCr 4:4:4
YCbCr 4:2:2 semi-planar
YCbCr 4:2:2 ITU656 and ITU656-like
It can also handle audio. The TDA9981B can accept at its inputs any of the following audio
buses:
I2S-bus (4 lines): up to 8 audio channels
S/PDIF (1 channel): L-PCM (IEC 60958) or compressed audio (IEC 61937)
8.1 System clock
The clock management is based on a set of two PLLs that generate the different clocks
required inside the chip:
PLL double edge can generate a clock at twice the VCLK input frequency to capture
the data at the video input formatter.
PLL serializer is a system clock generator, which enables the stream produced by the
encoder to be transmitted on the HDMI data channel at ten times the sampling rate or
more; see Section 8.14.2.
8.2 Video input processor
The TDA9981B has three video input ports VPA[7:0], VPB[7:0] and VPC[7:0].
The TDA9981B can reallocate and swap each of the 3 input channel ports by inverting the
bus and swapping each port.
The TDA9981B can be set to latch data at either the rising or falling edge or both.
The video input formats accept (see Table 5):
RGB
YCbCr 4:4:4 (up to 3
× 8-bit)
YCbCr 4:2:2 semi-planar (up to 2
× 12-bit)
YCbCr 4:2:2 compliant with ITU656 and ITU656-like (up to 1
× 12-bit)


Số phần tương tự - TDA9981BHL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW NXP-TDA9983AHW Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/15/C1xx NXP-TDA9983AHW/15/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/8/C1xx NXP-TDA9983AHW/8/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
More results

Mô tả tương tự - TDA9981BHL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
NXP Semiconductors
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com