công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA18271HD bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện TDA18271HD
Giải thích chi tiết về linh kiện  Silicon Tuner IC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18271HD bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  TDA18271HD Datasheet HTML 1Page - NXP Semiconductors TDA18271HD Datasheet HTML 2Page - NXP Semiconductors TDA18271HD Datasheet HTML 3Page - NXP Semiconductors TDA18271HD Datasheet HTML 4Page - NXP Semiconductors TDA18271HD Datasheet HTML 5Page - NXP Semiconductors TDA18271HD Datasheet HTML 6Page - NXP Semiconductors TDA18271HD Datasheet HTML 7Page - NXP Semiconductors TDA18271HD Datasheet HTML 8Page - NXP Semiconductors TDA18271HD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
TDA18271HD_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 September 2008
5 of 69
NXP Semiconductors
TDA18271HD
Silicon Tuner IC
LT
13
loop-through output
GND
14
ground
STO
15
slave tuner output
VCC
16
3.3 V supply voltage
CAPREGVCO
17
VCO supply decoupling
VCC
18
3.3 V supply voltage
MASTERSYNC
19
synchronization signal for dual tuner applications; leave open for
single tuner applications
CAPFILTVCO
20
VCO reference decoupling
VT_COARSE
21
LO tuning voltage input
VT_FINE
22
LO tuning voltage input
GND
23
ground
CP_LO
24
charge pump of the local synthesizer
GND
25
ground
XTALP
26
crystal oscillator input
XTALN
27
crystal oscillator input
FREEZE
28
synchronization signal for multi tuner applications; leave open
for single tuner applications
XTOUT_MS
29
XTOUT mode and master/slave selection
XTOUTP
30
crystal oscillator output buffer
XTOUTN
31
crystal oscillator output buffer
AS
32
I2C-bus address selection input
VCC
33
3.3 V supply voltage
CP_CAL
34
charge pump of the calibration synthesizer
VT_CAL
35
tuning voltage of the calibration synthesizer
GND
36, 37
ground
SCL
38
I2C-bus clock input
SDA
39
I2C-bus data input/output
CAPREG18
40
internal regulator decoupling
GND
41
ground
CAPREG28
42
internal regulator decoupling
GND
43
ground
VCC
44
3.3 V supply voltage
IFOUTN
45
IF output
IFOUTP
46
IF output
V_IFAGC
47
IF gain control input
GND
48 to 50
ground
VSYNC
51
vertical synchronization input for analog applications; connect to
ground for digital applications
CAPREGFILTRF
52
internal regulator decoupling
GND
53 to 64
ground
GND
exposed die ground
Table 3.
Pin description …continued
Symbol
Pin
Description


Số phần tương tự - TDA18271HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD/C2 NXP-TDA18271HD/C2 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
More results

Mô tả tương tự - TDA18271HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
   DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761664 TI-SN761664 Datasheet
454Kb / 22P
[Old version datasheet]   DTV TUNER IC
SN761662 TI1-SN761662_14 Datasheet
991Kb / 23P
[Old version datasheet]   DTV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com