công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9981B bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện TDA9981B
Giải thích chi tiết về linh kiện  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9981B bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button TDA9981B Datasheet HTML 6Page - NXP Semiconductors TDA9981B Datasheet HTML 7Page - NXP Semiconductors TDA9981B Datasheet HTML 8Page - NXP Semiconductors TDA9981B Datasheet HTML 9Page - NXP Semiconductors TDA9981B Datasheet HTML 10Page - NXP Semiconductors TDA9981B Datasheet HTML 11Page - NXP Semiconductors TDA9981B Datasheet HTML 12Page - NXP Semiconductors TDA9981B Datasheet HTML 13Page - NXP Semiconductors TDA9981B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TDA9981B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 July 2008
10 of 41
NXP Semiconductors
TDA9981B
150 MHz pixel rate HDMI transmitter
Table 6.
RGB 4 :4:4 mappings
RGB 4:4:4 (3
× 8-bit) external synchronization single edge.
Register VIP_CNTRL_0 = 23h; VIP_CNTRL_1 = 45h; VIP_CNTRL_2 = 01h.
Video port A
Video port B
Video port C
Control
Pin
RGB 4 : 4 : 4
Pin
RGB 4 : 4 : 4
Pin
RGB 4 : 4 : 4
Pin
RGB 4 :4:4
VPA[0]
B[0]
VPB[0]
G[0]
VPC[0]
R[0]
HSYNC/HREF
used
VPA[1]
B[1]
VPB[1]
G[1]
VPC[1]
R[1]
VSYNC/VREF
used
VPA[2]
B[2]
VPB[2]
G[2]
VPC[2]
R[2]
DE/FREF
used
VPA[3]
B[3]
VPB[3]
G[3]
VPC[3]
R[3]
VPA[4]
B[4]
VPB[4]
G[4]
VPC[4]
R[4]
VPA[5]
B[5]
VPB[5]
G[5]
VPC[5]
R[5]
VPA[6]
B[6]
VPB[6]
G[6]
VPC[6]
R[6]
VPA[7]
B[7]
VPB[7]
G[7]
VPC[7]
R[7]
DE could also be generated from HSYNC/HREF and VSYNC/VREF
Fig 3.
Pixel encoding in RGB 4:4:4 (rising edge) input
001aag380
Bxxx
Bxxx
...
B3
B2
B1
B0
HSYNC/HREF
VSYNC/VREF
DE/FREF
Gxxx
Gxxx
...
G3
G2
G1
G0
Rxxx
Rxxx
...
R3
R2
R1
R0
CONTROL
INPUTS
VPA[7:0]
VCLK
VPB[7:0]
VPC[7:0]


Số phần tương tự - TDA9981B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW NXP-TDA9983AHW Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/15/C1xx NXP-TDA9983AHW/15/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/8/C1xx NXP-TDA9983AHW/8/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
More results

Mô tả tương tự - TDA9981B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
NXP Semiconductors
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com