công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G0M2HF20A304 bảng dữ liệu(PDF) 3 Page - Baumer IVO GmbH & Co. KG |
|
G0M2HF20A304 bảng dữ liệu(HTML) 3 Page - Baumer IVO GmbH & Co. KG |
3 / 4 page www.baumerivo.com Absolute encoders - SSI 3 www.baumerivo.com www.baumerivo.com G0M2H Connector Core colour Assignment Pin 1 brown UB Pin 2 black GND Pin 3 blue Clock+ Pin 4 beige Data+ Pin 5 green Zero setting Pin 6 yellow Data- Pin 7 violet Clock- Pin 8 brown/yellow DATAVALID Pin 9 pink UP/DOWN Pin 10 black/yellow DATAVALID MT Pin 11 – – Pin 12 – – G0M2H with inremental tracks Connector Core colour Assignment Pin 1 brown UB Pin 2 white GND Pin 3 blue Clock+ Pin 4 green Data+ Pin 5 grey Zero setting Pin 6 yellow Data- Pin 7 red Clock- Pin 8 red/blue Track B inv. Pin 9 pink UP/DOWN Pin 10 violet Track a inv. Pin 11 black Track A Pin 12 grey/pink Track B 1 2 3 4 5 6 7 8 9 10 12 11 Please use cores twisted in pairs (for example clock+ / clock-) for extensi- on cables of more than 10 m length. UB Encoder voltage supply. GND Encoder ground connection relating to UB. Data+ Positive, serial data output of differential linedriver. Data- Negative, serial data output of differential linedriver. Clock+ Positive SSI clock input. Clock+ together with clock- forms a current loop. A current of approx. 7 mA towards clock+ input means logic 1 in positive logic. Clock- Negative SSI clock input. Clock- together with clock+ forms a current loop. A current of approx. 7 mA towards clock- input means logic 0 in positive logic. Zero setting Input for setting a zero point anywhere within the programmed encoder resolution. The zero setting operation is triggered by a High impulse and has to be in line with the selected direction of rotation (UP/DOWN). Connect to GND after setting operation for maximum interference immunity. Impulse duration >100 ms. DATAVALID Diagnostic output. An error warning is given at level Low. Important: Interferences must be filtered by the downstram electronics. DATAVALID MT Diagnostic output for monitoring the multiturn sensor voltage supply. Upon dropping below a defined voltage level the DV MT output is switched to Low. UP/DOWN UP/DOWN counting direction input. This input is standard on High. UP/DOWN means ascending output data with clock- wise shaft rotation when looking at flange. UP/DOWN-Low means ascending values with counterclockwise shaft rotation when looking at flange. Incremental Incremental tracks A 90° B and inverted. Outputs Terminal significance Terminal assignment G0M2H - SSI Hollow shaft max. ø14 mm Optical multiturn encoders 14 bit ST / 12 bit MT |
Số phần tương tự - G0M2HF20A304 |
|
Mô tả tương tự - G0M2HF20A304 |