công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK7608-40B bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện BUK7608-40B
Giải thích chi tiết về linh kiện  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7608-40B bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  BUK7608-40B Datasheet HTML 1Page - NXP Semiconductors BUK7608-40B Datasheet HTML 2Page - NXP Semiconductors BUK7608-40B Datasheet HTML 3Page - NXP Semiconductors BUK7608-40B Datasheet HTML 4Page - NXP Semiconductors BUK7608-40B Datasheet HTML 5Page - NXP Semiconductors BUK7608-40B Datasheet HTML 6Page - NXP Semiconductors BUK7608-40B Datasheet HTML 7Page - NXP Semiconductors BUK7608-40B Datasheet HTML 8Page - NXP Semiconductors BUK7608-40B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BUK7608-40B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 September 2008
2 of 12
NXP Semiconductors
BUK7608-40B
N-channel TrenchMOS standard level FET
2.
Pinning information
[1]
It is not possible to make a connection to pin 2.
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1G
gate
SOT404
(D2PAK)
2D
drain
[1]
3S
source
mb
D
mounting base; connected to
drain
mb
13
2
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUK7608-40B
D2PAK
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one
lead cropped)
SOT404
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
40
V
VDGR
drain-gate voltage
RGS =20kΩ
-40
V
VGS
gate-source voltage
-20
20
V
ID
drain current
Tmb =25°C; VGS =10V; see Figure 1; see Figure
3;
[1]
-101
A
Tmb =100 °C; VGS = 10 V; see Figure 1;
[1]
-71
A
Tmb =25°C; VGS =10V; see Figure 1; see Figure
3;
[2]
-75
A
IDM
peak drain current
Tmb =25°C; tp ≤ 10 µs; pulsed; see Figure 3
-407
A
Ptot
total power dissipation
Tmb =25°C; see Figure 2
-157
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Source-drain diode
IS
source current
Tmb =25°C;
[1]
-101
A
Tmb =25°C;
[2]
-75
A
ISM
peak source current
tp ≤ 10 µs; pulsed; Tmb =25°C
-
407
A


Số phần tương tự - BUK7608-40B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7608-40B PHILIPS-BUK7608-40B Datasheet
272Kb / 15P
   TRENCHMOS-TM STANDARD LEVELl FET
Rev. 01-08 April 2003
BUK7608-40B NXP-BUK7608-40B Datasheet
90Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02-16 November 2007
logo
Inchange Semiconductor ...
BUK7608-40B ISC-BUK7608-40B Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7608-40B NEXPERIA-BUK7608-40B Datasheet
707Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04 - 24 September 2008
logo
NXP Semiconductors
BUK7608-40B PHILIPS-BUK7608-40B_15 Datasheet
202Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04-24 September 2008
More results

Mô tả tương tự - BUK7608-40B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com