công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC8641HX1500G bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC8641HX1500G
Giải thích chi tiết về linh kiện  Integrated Host Processor Hardware Specifications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8641HX1500G bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC8641HX1500G Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8641HX1500G Datasheet HTML 8Page - Freescale Semiconductor, Inc MC8641HX1500G Datasheet HTML 9Page - Freescale Semiconductor, Inc MC8641HX1500G Datasheet HTML 10Page - Freescale Semiconductor, Inc MC8641HX1500G Datasheet HTML 11Page - Freescale Semiconductor, Inc MC8641HX1500G Datasheet HTML 12Page - Freescale Semiconductor, Inc MC8641HX1500G Datasheet HTML 13Page - Freescale Semiconductor, Inc MC8641HX1500G Datasheet HTML 14Page - Freescale Semiconductor, Inc MC8641HX1500G Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
11
Electrical Characteristics
2.2
Power Up/Down Sequence
The MPC8641 requires its power rails to be applied in a specific sequence in order to ensure proper device
operation.
NOTE
The recommended maximum ramp up time for power supplies is 20
milliseconds.
The chronological order of power up is:
1. All power rails other than DDR I/O (Dn_GVDD, and Dn_MVREF).
NOTE
There is no required order sequence between the individual rails for this
item (# 1). However, VDD_PLAT, AVDD_PLAT rails must reach 90% of
their recommended value before the rail for Dn_GVDD, and Dn_MVREF (in
next step) reaches 10% of their recommended value. AVDD type supplies
must be delayed with respect to their source supplies by the RC time
constant of the PLL filter circuit described in Section 20.2.1, “PLL Power
Supply Filtering”.
2. Dn_GVDD, Dn_MVREF
NOTE
It is possible to leave the related power supply (Dn_GVDD, Dn_MVREF)
turned off at reset for a DDR port that will not be used. Note that these
power supplies can only be powered up again at reset for functionality to
occur on the DDR port.
3. SYSCLK
The recommended order of power down is as follows:
1. Dn_GVDD, Dn_MVREF
2. All power rails other than DDR I/O (Dn_GVDD, Dn_MVREF).
NOTE
SYSCLK may be powered down simultaneous to either of item # 1 or # 2 in
the power down sequence. Beyond this, the power supplies may power
down simultaneously if the preservation of DDRn memory is not a concern.
See Figure 3 for more details on the Power and Reset Sequencing details


Số phần tương tự - MC8641HX1500G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC8641DTHX1000G FREESCALE-MC8641DTHX1000G Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000GC FREESCALE-MC8641DTHX1000GC Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000H FREESCALE-MC8641DTHX1000H Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000J FREESCALE-MC8641DTHX1000J Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000N FREESCALE-MC8641DTHX1000N Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
More results

Mô tả tương tự - MC8641HX1500G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com