công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC8641TVU1333J bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC8641TVU1333J
Giải thích chi tiết về linh kiện  Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8641TVU1333J bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC8641TVU1333J Datasheet HTML 1Page - Freescale Semiconductor, Inc MC8641TVU1333J Datasheet HTML 2Page - Freescale Semiconductor, Inc MC8641TVU1333J Datasheet HTML 3Page - Freescale Semiconductor, Inc MC8641TVU1333J Datasheet HTML 4Page - Freescale Semiconductor, Inc MC8641TVU1333J Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8641TVU1333J Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8641TVU1333J Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8641TVU1333J Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC
Series, Rev. 0
Freescale Semiconductor
3
General Parameters
2.1
Overall DC Electrical Characteristics
2.1.2
Recommended Operating Conditions
Table 2 provides the recommended operating conditions for the MPC8641 part numbers described herein.
11.2
JTAG AC Electrical Specifications
Table 44 provides the JTAG AC timing specifications for the MPC8641 part numbers described herein.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Junction temperature range
TJ
–40 to 105
°C—
Table 44. JTAG AC Timing Specifications (Independent of SYSCLK) 1
Parameter
Symbol 2
Min
Max
Unit
Notes
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
15
0
ns
4
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of tTCLK to the midpoint of the signal
in question. The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load
(see Figure 32). Time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tJTDVKH symbolizes JTAG device timing (JT) with respect to the time data input signals (D) reaching the valid state
(V) relative to the tJTG clock reference (K) going to the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG
timing (JT) with respect to the time data input signals (D) went invalid (X) relative to the tJTG clock reference (K)
going to the high (H) state. Note that, in general, the clock reference symbol representation is based on three
letters representing the clock of a particular functional. For rise and fall times, the latter convention is used with
the appropriate letter: R (rise) or F (fall).
4. Non-JTAG signal input timing with respect to tTCLK.


Số phần tương tự - MC8641TVU1333J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC8641DHX1000G FREESCALE-MC8641DHX1000G Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MC8641DHX1000H FREESCALE-MC8641DHX1000H Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MC8641DHX1000J FREESCALE-MC8641DHX1000J Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MC8641DHX1000K FREESCALE-MC8641DHX1000K Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MC8641DHX1000N FREESCALE-MC8641DHX1000N Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
More results

Mô tả tương tự - MC8641TVU1333J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC8640 FREESCALE-MPC8640 Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com