công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC8641DTVU1250J bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC8641DTVU1250J
Giải thích chi tiết về linh kiện  Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8641DTVU1250J bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC8641DTVU1250J Datasheet HTML 1Page - Freescale Semiconductor, Inc MC8641DTVU1250J Datasheet HTML 2Page - Freescale Semiconductor, Inc MC8641DTVU1250J Datasheet HTML 3Page - Freescale Semiconductor, Inc MC8641DTVU1250J Datasheet HTML 4Page - Freescale Semiconductor, Inc MC8641DTVU1250J Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8641DTVU1250J Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8641DTVU1250J Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8641DTVU1250J Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC
Series, Rev. 0
4
Freescale Semiconductor
Ordering Information
21 Ordering Information
21.1
Part Numbers Fully Addressed by This Document
Table 74 provides the ordering information for the MPC8641 parts described in this document.
Document Revision History
Table B provides a revision history for this hardware specification addendum.
Table 74. Part Numbering Nomenclature
MC
nnnn
x
w
xx
nnnn
x
x
Product
Code
Part
Identifier
Core
Count
Temp
Package 1
Core Processor
Frequency 2
(MHz)
DDR speed
(MHz)
Product Revision Level
MC
8641
Blank =
Single
Core
T = –40
to 105
°C
HX = High-lead
HCTE FC-CBGA
VU = RoHS lead-free
HCTE FC-CBGA
1000, 1250, 1333
N = 500 MHz4
J = 533 MHz
H = 500 MHz
G = 400 MHz
Revision C = 2.1
System Version Register
Value for Rev C:
0x8090_0021 - MPC8641
0x8090_0121 - MPC8641D
D = Dual
Core
Notes:
1. See Section 16, “Package,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification
support all core frequencies. Additionally, parts addressed by part number specifications may support other maximum core
frequencies.
3. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These parts
have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written authorization
from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact that product
changes may still occur while shipping pilot production prototypes.
4. Part Number MC8641xwxx1000NX is our low VDD_Coren device. VDD_Coren = 0.95 V and VDD_PLAT = 1.05 V.
Table B. Document Revision History
Rev.
Number
Date
Substantive Change(s)
0
12/2008
Initial release.


Số phần tương tự - MC8641DTVU1250J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC8641DHX1000G FREESCALE-MC8641DHX1000G Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MC8641DHX1000H FREESCALE-MC8641DHX1000H Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MC8641DHX1000J FREESCALE-MC8641DHX1000J Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MC8641DHX1000K FREESCALE-MC8641DHX1000K Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MC8641DHX1000N FREESCALE-MC8641DHX1000N Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
More results

Mô tả tương tự - MC8641DTVU1250J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC8640 FREESCALE-MPC8640 Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com