công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC8641DHX1500H bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MC8641DHX1500H
Giải thích chi tiết về linh kiện  Integrated Host Processor Hardware Specifications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8641DHX1500H bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MC8641DHX1500H Datasheet HTML 1Page - Freescale Semiconductor, Inc MC8641DHX1500H Datasheet HTML 2Page - Freescale Semiconductor, Inc MC8641DHX1500H Datasheet HTML 3Page - Freescale Semiconductor, Inc MC8641DHX1500H Datasheet HTML 4Page - Freescale Semiconductor, Inc MC8641DHX1500H Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8641DHX1500H Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8641DHX1500H Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8641DHX1500H Datasheet HTML 8Page - Freescale Semiconductor, Inc MC8641DHX1500H Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
2
Freescale Semiconductor
Overview
Figure 1. MPC8641 and MPC8641D
AND 1x/4x SRIO (2.5 GB/s) ]
[ x1/x2/x4/x8 PCI Exp (4 GB/s)
OR [2-x1/x2/x4/x8 PCI Express
(8 GB/S) ]
32-Kbyte
L1 Instruction Cache
e600 Core
32-Kbyte
L1 Data Cache
e600 Core Block
Local Bus Controller
Multiprocessor
Programmable Interrupt
DDR SDRAM Controller
SDRAM
IRQs
External
Control
DDR SDRAM Controller
(LBC)
Controller
(MPIC)
SDRAM
ROM,
GPIO
Dual Universal
Asynchronous
Receiver/Transmitter
(DUART)
Serial
I2C Controller
I2C
I2C Controller
I2C
Enhanced TSEC
Controller
10/100/1Gb
Enhanced TSEC
Controller
10/100/1Gb
Enhanced TSEC
Controller
10/100/1Gb
PCI Express
Interface
Four-Channel
DMA Controller
Enhanced TSEC
Controller
10/100/1Gb
OCeaN
Switch
Fabric
MPX Coherency Module (MCM)
1-Mbyte
L2 Cache
Platform
MPX Bus
RMII, GMII,
MII, RGMII,
TBI, RTBI
RMII, GMII,
MII, RGMII,
TBI, RTBI
RMII, GMII,
MII, RGMII,
TBI, RTBI
RMII, GMII,
MII, RGMII,
TBI, RTBI
Platform Bus
e600 Core
e600 Core Block
L2 Cache
32-Kbyte
L1 Instruction Cache
32-Kbyte
L1 Data Cache
1-Mbyte
Serial RapidIO
Interface
or
PCI Express
Interface


Số phần tương tự - MC8641DHX1500H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC8641DTHX1000G FREESCALE-MC8641DTHX1000G Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000GC FREESCALE-MC8641DTHX1000GC Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000H FREESCALE-MC8641DTHX1000H Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000J FREESCALE-MC8641DTHX1000J Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000N FREESCALE-MC8641DTHX1000N Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
More results

Mô tả tương tự - MC8641DHX1500H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com