công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF52259CVN80 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MCF52259CVN80
Giải thích chi tiết về linh kiện  MCF52259 ColdFire Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52259CVN80 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF52259CVN80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52259CVN80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52259CVN80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52259CVN80 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52259CVN80 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52259CVN80 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF52259CVN80 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF52259CVN80 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF52259CVN80 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Family Configurations
MCF52259 ColdFire Microcontroller, Rev. 0
Freescale Semiconductor
11
1.2.5
On-Chip Memories
1.2.5.1
SRAM
The dual-ported SRAM module provides a general-purpose 64-Kbyte memory block that the ColdFire core can access in a
single cycle. The location of the memory block can be set to any 64-Kbyte boundary within the 4-Gbyte address space. This
memory is ideal for storing critical code or data structures and for use as the system stack. Because the SRAM module is
physically connected to the processor's high-speed local bus, it can quickly service core-initiated accesses or
memory-referencing commands from the debug module.
The SRAM module is also accessible by the DMA, FEC, and USB. The dual-ported nature of the SRAM makes it ideal for
implementing applications with double-buffer schemes, where the processor and a DMA device operate in alternate regions of
the SRAM to maximize system performance.
1.2.5.2
Flash Memory
The ColdFire flash module (CFM) is a non-volatile memory (NVM) module that connects to the processor’s high-speed local
bus. The CFM is constructed with four banks of 64-Kbyte
×16-bit flash memory arrays to generate 512 Kbytes of 32-bit flash
memory. These electrically erasable and programmable arrays serve as non-volatile program and data memory. The flash
memory is ideal for program and data storage for single-chip applications, allowing for field reprogramming without requiring
an external high voltage source. The CFM interfaces to the ColdFire core through an optimized read-only memory controller
that supports interleaved accesses from the 2-cycle flash memory arrays. A backdoor mapping of the flash memory is used for
all program, erase, and verify operations, as well as providing a read datapath for the DMA. Flash memory may also be
programmed via the EzPort, which is a serial flash memory programming interface that allows the flash memory to be read,
erased and programmed by an external controller in a format compatible with most SPI bus flash memory chips.
1.2.6
Cryptographic Acceleration Unit
The MCF52235 device incorporates two hardware accelerators for cryptographic functions. First, the CAU is a coprocessor
tightly-coupled to the V2 ColdFire core that implements a set of specialized operations to increase the throughput of
software-based encryption and message digest functions, specifically the DES, 3DES, AES, MD5 and SHA-1 algorithms.
Second, a random number generator provides FIPS-140 compliant 32-bit values to security processing routines. Both modules
supply critical acceleration to software-based cryptographic algorithms at a minimal hardware cost.
1.2.7
Power Management
The device incorporates several low-power modes of operation entered under program control and exited by several external
trigger events. An integrated power-on reset (POR) circuit monitors the input supply and forces an MCU reset as the supply
voltage rises. The low voltage detector (LVD) monitors the supply voltage and is configurable to force a reset or interrupt
condition if it falls below the LVD trip point. The RAM standby switch provides power to RAM when the supply voltage to the
chip falls below the standby battery voltage.
1.2.8
FlexCAN
The FlexCAN module is a communication controller implementing version 2.0 of the CAN protocol parts A and B. The CAN
protocol can be used as an industrial control serial data bus, meeting the specific requirements of reliable operation in a harsh
EMI environment with high bandwidth. This instantiation of FlexCAN has 16 message buffers.


Số phần tương tự - MCF52259CVN80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52259CVN80 FREESCALE-MCF52259CVN80 Datasheet
3Mb / 46P
   ColdFire Microcontroller
MCF52259CVN80 FREESCALE-MCF52259CVN80 Datasheet
2Mb / 46P
   ColdFire Microcontroller
More results

Mô tả tương tự - MCF52259CVN80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com