công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS12A44514PWR bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS12A44514PWR
Giải thích chi tiết về linh kiện  LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS12A44514PWR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TS12A44514PWR Datasheet HTML 4Page - Texas Instruments TS12A44514PWR Datasheet HTML 5Page - Texas Instruments TS12A44514PWR Datasheet HTML 6Page - Texas Instruments TS12A44514PWR Datasheet HTML 7Page - Texas Instruments TS12A44514PWR Datasheet HTML 8Page - Texas Instruments TS12A44514PWR Datasheet HTML 9Page - Texas Instruments TS12A44514PWR Datasheet HTML 10Page - Texas Instruments TS12A44514PWR Datasheet HTML 11Page - Texas Instruments TS12A44514PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
APPLICATION INFORMATION
Power-Supply Considerations
Logic-Level Thresholds
High-Frequency Performance
Test Circuits/Timing Diagrams
TS12A44514
GND
IN
NO
COM
50 Ω
∆VOUT isthemeasuredvoltagedueto
charge
transfer errorQwhenthechannelturnsoff.
Q= VOUT xCL
VIN
VOUT
VNO or VNC =0 V
CL
1000 pF
VIN
VOUT
∆VOUT
V+
V+
V+
0 V
TS12A44515
TS12A44514
TS12A44513
TS12A44515
TS12A44513
,, TS12A44514,, TS12A44515
SCDS247 – OCTOBER 2008 ............................................................................................................................................................................................. www.ti.com
The TS12A44513/TS12A44514/TS12A44515 construction is typical of most CMOS analog switches, except that
they have only two supply pins: V+ and GND. V+ and GND drive the internal CMOS switches and set their analog
voltage limits. Reverse ESD-protection diodes connected in series are internally connected between each
analog-signal pin and both V+ and GND. If an analog signal exceeds V+ or GND, one of the diodes will be
forward biased, but the other will be reverse biased preventing current flow.
Virtually all the analog leakage current comes from the ESD diodes to V+ or GND. Although the ESD diodes on a
given signal pin are identical and, therefore, fairly well balanced, they are reverse biased differently. Each is
biased by either V+ or GND and the analog signal. This means their leakages will vary as the signal varies. The
difference in the two diode leakages to the V+ and GND pins constitutes the analog-signal-path leakage current.
All analog leakage current flows between each pin and one of the supply terminals, not to the other switch
terminal. This is why both sides of a given switch can show leakage currents of the same or opposite polarity.
There is no connection between the analog-signal paths and V+ or GND.
V+ and GND also power the internal logic and logic-level translators. The logic-level translators convert the logic
levels to switched V+ and GND signals to drive the analog signal gates.
The logic-level thresholds are CMOS/TTL compatible when V+ is 5 V. As V+ is raised, the level threshold
increases slightly. When V+ reaches 12 V, the level threshold is about 3 V – above the TTL-specified high-level
minimum of 2.8 V, but still compatible with CMOS outputs.
CAUTION:
Do not connect the TS12A44513/TS12A44514/MAS4515 V+ to 3 V and then
connect the logic-level pins to logic-level signals that operate from 5-V supply.
Output levels can exceed 3 V and violate the absolute maximum ratings,
damaging the part and/or external circuits.
In 50-
Ω systems, signal response is reasonably flat up to 250 MHz (see Typical Operating Characteristics).
Above 20 MHz, the on response has several minor peaks that are highly layout dependent. The problem is not in
turning the switch on; it is turning it off. The OFF-state switch acts like a capacitor and passes higher frequencies
with less attenuation. At 10 MHz, OFF isolation is about –45 dB in 50-
Ω systems, decreasing (approximately 20
dB per decade) as frequency increases. Higher circuit impedances also make OFF isolation decrease. OFF
isolation is about 3 dB above that of a bare IC socket, and is due entirely to capacitive coupling.
Figure 5. Charge Injection
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS12A44513 TS12A44514 TS12A44515


Số phần tương tự - TS12A44514PWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A44514PWR TI-TS12A44514PWR Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44514PWR TI1-TS12A44514PWR Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44514PWR TI1-TS12A44514PWR Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A44514PWRG4 TI-TS12A44514PWRG4 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44514PWRG4 TI1-TS12A44514PWRG4 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
More results

Mô tả tương tự - TS12A44514PWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com