công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8319IDRCR bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADS8319IDRCR
Giải thích chi tiết về linh kiện  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8319IDRCR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS8319IDRCR Datasheet HTML 7Page - Texas Instruments ADS8319IDRCR Datasheet HTML 8Page - Texas Instruments ADS8319IDRCR Datasheet HTML 9Page - Texas Instruments ADS8319IDRCR Datasheet HTML 10Page - Texas Instruments ADS8319IDRCR Datasheet HTML 11Page - Texas Instruments ADS8319IDRCR Datasheet HTML 12Page - Texas Instruments ADS8319IDRCR Datasheet HTML 13Page - Texas Instruments ADS8319IDRCR Datasheet HTML 14Page - Texas Instruments ADS8319IDRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
101
262043
0
0
50000
100000
150000
200000
250000
300000
32765
32766
32767
Codes
+VA =5V,
+VBD=2.7V,
V
=5V,
f =500KSPS,
T =30 C
ref
s
A
°
THD@-0.5dB
75
85
95
105
115
125
135
1
10
100
f -SignalInputFrequency-kHz
i
THD@-10dB
+VA =5V
+VBD=2.7V,
V
=5V,
f =500KSPS,
T =30°C
ref
s
A
100
102
104
106
108
110
112
114
0
100
200
300
400
500
600
SourceResistance- W
0pF
680pF
100pF
+VA =5V,+VBD=2.7V,
V
=5V,
f =500KSPS, T =30°C
ref
s
A
f =1.9kHz,
i
3.35
3.4
3.45
3.5
3.55
3.6
3.65
3.7
3.75
3.8
3.85
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
T =30 C
ref
s
A
°
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
°
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
+VA =5V
+VBD=2.7V,
f =500KSPS
s
0
500
1000
1500
2000
2500
3000
3500
4000
0
100
200
300
400
500
f -samplingfrequency-kSPS
s
+VA =5V,
+VBD=2.7V,
T =30°C
A
0
50
100
150
200
250
300
350
400
450
500
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
°
+VA =5V
+VBD=2.7V,
V
=4.096V,
f =0.0KSPS
ref
s
0
20
40
60
80
100
120
140
160
180
200
4.5
5
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =0.0KSPS,
T =30 C
ref
s
A
°
0
2
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
f -samplingfrequency-kSPS
s
+VA =5V,
+VBD=2.7V,
V
=5V,
T =30°C
ref
A
ADS8319
www.ti.com ........................................................................................................................................................................................................ SLAS600 – MAY 2008
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
DC HISTORAM OF ADC CLOSE TO
vs
SIGNAL INPUT FREQUENCY
CENTER CODE
SOURCE RESISTANCE
Figure 33.
Figure 34.
Figure 35.
SUPPLY CURRENT
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
SAMPLING FREQUENCY
Figure 36.
Figure 37.
Figure 38.
POWER DISSIPATION
POWERDOWN CURRENT
POWERDOWN CURRENT
vs
vs
vs
SAMPLING FREQUENCY
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 39.
Figure 40.
Figure 41.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS8319


Số phần tương tự - ADS8319IDRCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8319 TI-ADS8319 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8319 TI1-ADS8319 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
More results

Mô tả tương tự - ADS8319IDRCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com