công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP5588 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADP5588
Giải thích chi tiết về linh kiện  Keypad I/O Expander
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP5588 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADP5588 Datasheet HTML 7Page - Analog Devices ADP5588 Datasheet HTML 8Page - Analog Devices ADP5588 Datasheet HTML 9Page - Analog Devices ADP5588 Datasheet HTML 10Page - Analog Devices ADP5588 Datasheet HTML 11Page - Analog Devices ADP5588 Datasheet HTML 12Page - Analog Devices ADP5588 Datasheet HTML 13Page - Analog Devices ADP5588 Datasheet HTML 14Page - Analog Devices ADP5588 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADP5588
Rev. A | Page 11 of 28
YES
GENERATE
KEYLOCK INTERRUPT
START
MASK TIMER = 0
KEY PRESS
DETECTED
NO
NO
YES
NO
NO
NO
YES
YES
YES
NO
YES
YES
YES
NO
YES
YES
NO
NO
YES
NO
GENERATE
KE INTERRUPT
START MASK TIMER
MASK TIMER
EXPIRES
MASK TIMER
EXPIRES
FIRST UNLOCK
KEY DETECTED
SECOND UNLOCK
KEY DETECTED
START UNLOCK1 TO UNLOCK2
UNLOCK1 TO
UNLOCK2
TIMER EXPIRES
KEY PRESS
DETECTED
START UNLOCK1 TO UNLOCK2
FIRST UNLOCK
KEY DETECTED
GENERATE
KEYLOCK INTERRUPT
SECOND UNLOCK
KEY DETECTED
UNLOCK1 TO
UNLOCK2
TIMER EXPIRES
NO
Figure 10. Keypad Lock Interrupt Mask Timer Flowchart
Debouncing
The ADP5588 has a 50 μs debounce time for GPIOs configured
as GPIs and rows in keypad scanning mode. The reset line
always has a 50 μs debounce time.
General Purpose Outputs (GPOs)
The ADP5588 allows the user to configure all or some of its
GPIOs as GPOs. These GPOs can be used as extra enables for
the host processor or simply as trigger outputs. When configured
as an output (GPO), a digital buffer drives the pin to 0 V for a 0
and to VCC for a 1. To set any GPIO as a GPO, make sure that
the corresponding bits in Register 0x1D through Register 0x1F are
set for GPIO mode; then use Register 0x23 through Register 0x25
to set the corresponding bits for GPO mode.
Power-On Reset
For built-in power-up initialization for applications lacking a
power-on reset signal, a reset pin, RST, allows the user to reset
the registers to default values in the event of a brownout or
other reset conditions.
Ambient Light Sensing
The ADP5588 has built in light sensor comparator inputs to
detect ambient light conditions. An ADC samples the output of
external photosensors connected to the comparator inputs, and
the result is fed into programmable trip comparators. The ADC
has an input range of 0 μA to 1000 μA (typical). The device can
handle up to two photosensors (use Register 0x30 through
Register 0x3A to configure the photosensor inputs).


Số phần tương tự - ADP5588

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5588-EVALZ AD-ADP5588-EVALZ Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5588ACPZ-R7 AD-ADP5588ACPZ-R7 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
More results

Mô tả tương tự - ADP5588

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com