công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP5588 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADP5588
Giải thích chi tiết về linh kiện  Keypad I/O Expander
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP5588 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADP5588 Datasheet HTML 4Page - Analog Devices ADP5588 Datasheet HTML 5Page - Analog Devices ADP5588 Datasheet HTML 6Page - Analog Devices ADP5588 Datasheet HTML 7Page - Analog Devices ADP5588 Datasheet HTML 8Page - Analog Devices ADP5588 Datasheet HTML 9Page - Analog Devices ADP5588 Datasheet HTML 10Page - Analog Devices ADP5588 Datasheet HTML 11Page - Analog Devices ADP5588 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP5588
Rev. A | Page 8 of 28
To prevent glitches or narrow press times registering as valid
key presses, the key scanner requires the key to be pressed for
two scan cycles. The key scanner has a sampling period of 25 ms,
so the key must be pressed and held for at least 25 ms to register
as pressed. If the key is continuously pressed, the key scanner
continues to sample every 25 ms. If a key that was pressed is
released for 25 ms or greater, the state machine sets the appro-
priate keys in the key event status register with the key pressed
bits cleared in the order detected. Because the release of a key is
not necessarily in sync with the key scan sampling period, it may
take between 25 ms and 50 ms for a key to register as released.
After the key is registered as released, the key scanner goes back
to idle mode. Figure 5 shows the row and column pins
connected to a typical 10 × 8, 80-switch keypad matrix.
J7
I7
H7
G7
F7
E7
D7
C7
B7
A7
H6
G6
F6
E6
D6
C6
B6
A6
H5
G5
F5
E5
D5
C5
B5
A5
H4
G4
F4
E4
D4
C4
B4
A4
H3
G3
F3
E3
D3
C3
B3
A3
H2
G2
F2
E2
D2
C2
B2
A2
H1
G1
F1
E1
D1
C1
B1
A1
H0
G0
F0
E0
D0
C0
B0
A0
J6
I6
J5
I5
J4
I4
J3
I3
J2
I2
J1
I1
J0
I0
R7 R6 R5 R4 R3 R2 R1 R0
C0 C1 C2 C3 C4 C5 C6 C7
C9
C8
10 × 8 KEYPAD MATRIX
VCC
Figure 5. Keypad Decode Configuration
Key Event Tracking
The 10-key event registers are set to act as a FIFO, meaning that
reading any of the 10-key event registers yields the key events in
the order they were pressed and released.
Tracking of key events is done with the help of the key event
counter (the KEC field in Register 0x03) and the FIFO/key
event registers (Register 0x04 through Register 0x0D). The KEC
count increases as keys are pressed and released; up to 10 events
can be logged in the counter. The FIFO/key event registers, on
the other hand, display the key events and their status (pressed
or released) as they are read out of the FIFO. The FIFO registers
are made of eight bits, with the MSB dedicated as the status bit
(1 indicates a press and 0 indicates a release); the remaining
seven bits are used to display binary representation of the keys
that are pressed or released.
The first read of any of the FIFO registers displays the first
event that happened and its status. Subsequent reads of the
same register replace the register data with the next event that
happens. If tracking of all the events is important, it is best to
used a single register per event. After all the events in the FIFO
are read, reading of any of the event registers yields a zero value.
Table 11 and Table 12 show the event sequences as they are
logged in and read from the FIFO. The 10 FIFO registers are
labeled A through J, and keys are labeled A0 through J7.
Table 11. Example of Event Sequence
Key Pressed/Released
Status
Key Event Counter
A0
Pressed
1
B1
Pressed
2
A0
Released
3
C2
Pressed
4
B1
Released
5
D3
Pressed
6
C2
Released
7
E4
Pressed
8
E4
Released
9
D3
Released
10
Table 12. Interpretation of FIFO Event Reading
Key Event
Counter
Key Event
Register
Read
Key Event Reg-
ister Content
(Binary)1
Key Event
Register
Interpretation
10
9
D
1 0000000
Key A0 pressed
8
E
1 0000001
Key B1 pressed
7
C
0 0000000
Key A0 released
6
F
1 0000010
Key C2 pressed
5
G
0 0000001
Key B1 released
4
A
1 0000011
Key D3 pressed
3
B
0 0000010
Key C2 released
2
H
1 0001000
Key E4 pressed
1
J
0 0000100
Key E4 released
0
I
0 0000011
Key D3 released
1 The first number indicates a key press or key release in Bit 7 of the key event
register: 1 = key press; 0 = key release.
Key Event Overflow
The ADP5588 is equipped with an overflow feature to handle
key events beyond the FIFO capacity. When all events are filled, any
additional events set the OVR_FLOW_INT bit in Register 0x02;
if the OVR_FLOW_IEN bit in Register 0x01 is set, the host
processor is also interrupted when overflow occurs. When the
FIFO is not full, new events are added as the last events.
The OVR_FLOW_M bit in Register 0x01 sets the mode of
operation during overflows. Clearing the OVR_FLOW_M bit
causes new incoming events to be discarded, and setting this bit
rolls over and overwrites old data with new data starting at the
first event.


Số phần tương tự - ADP5588

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5588-EVALZ AD-ADP5588-EVALZ Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5588ACPZ-R7 AD-ADP5588ACPZ-R7 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
More results

Mô tả tương tự - ADP5588

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com