công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP5588 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADP5588
Giải thích chi tiết về linh kiện  Keypad I/O Expander
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP5588 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADP5588 Datasheet HTML 2Page - Analog Devices ADP5588 Datasheet HTML 3Page - Analog Devices ADP5588 Datasheet HTML 4Page - Analog Devices ADP5588 Datasheet HTML 5Page - Analog Devices ADP5588 Datasheet HTML 6Page - Analog Devices ADP5588 Datasheet HTML 7Page - Analog Devices ADP5588 Datasheet HTML 8Page - Analog Devices ADP5588 Datasheet HTML 9Page - Analog Devices ADP5588 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP5588
Rev. A | Page 6 of 28
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD MUST BE CONNECTED TO GROUND.
1
R7
2
R6
3
R5
4
R4
5
R3
6
R2
15 C6
16 C7
17 CMP_IN1/C8
18 CMP_IN2/C9
14 C5
13 C4
TOP VIEW
(Not to Scale)
ADP5588
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
R7
GPIO, Row 7 in the Keypad Matrix.
2
R6
GPIO, Row 6 in the Keypad Matrix.
3
R5
GPIO, Row 5 in the Keypad Matrix.
4
R4
GPIO, Row 4 in the Keypad Matrix.
5
R3
GPIO, Row 3 in the Keypad Matrix.
6
R2
GPIO, Row 2 in the Keypad Matrix.
7
R1
GPIO, Row 1 in the Keypad Matrix.
8
R0
GPIO, Row 0 in the Keypad Matrix.
9
C0
GPIO, Column 0 in the Keypad Matrix.
10
C1
GPIO, Column 1 in the Keypad Matrix.
11
C2
GPIO, Column 2 in the Keypad Matrix.
12
C3
GPIO, Column 3 in the Keypad Matrix.
13
C4
GPIO, Column 4 in the Keypad Matrix.
14
C5
GPIO, Column 5 in the Keypad Matrix.
15
C6
GPIO, Column 6 in the Keypad Matrix.
16
C7
GPIO, Column 7 in the Keypad Matrix.
17
CMP_IN1/C8
GPIO, Column 8 in the Keypad Matrix; Comparator Input for Photosensor 1.
18
CMP_IN2/C9
GPIO, Column 9 in the Keypad Matrix; Comparator Input for Photosensor 2.
19
GND
Ground.
20
RST
Hardware Reset (Active Low). This bit resets the device to the power default conditions. The reset pin must be
driven for a minimum of 50 μs to be valid and to prevent falsing due to ESD glitches or noise in the system. If
not used, RST must be tied high with a pull-up.
21
VCC
VCC = 1.7 V to 3.3 V.
22
SDA
I2C Serial Data (Open Drain Requires External Pull-up).
23
SCL
I2C Clock.
24
INT
Processor Interrupt, Active Low, Open Drain. This pin can be pulled up to 2.7 V or 1.8 V for selection flexibility in
the processor GPIO supply group.
EP
EPAD
Exposed Pad. The exposed pad must be connected to ground.


Số phần tương tự - ADP5588

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5588-EVALZ AD-ADP5588-EVALZ Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5588ACPZ-R7 AD-ADP5588ACPZ-R7 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
More results

Mô tả tương tự - ADP5588

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com