công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADMP401-1 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADMP401-1
Giải thích chi tiết về linh kiện  Omnidirectional Microphone with Bottom Port and Analog Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADMP401-1 bảng dữ liệu(HTML) 8 Page - Analog Devices

  ADMP401-1 Datasheet HTML 1Page - Analog Devices ADMP401-1 Datasheet HTML 2Page - Analog Devices ADMP401-1 Datasheet HTML 3Page - Analog Devices ADMP401-1 Datasheet HTML 4Page - Analog Devices ADMP401-1 Datasheet HTML 5Page - Analog Devices ADMP401-1 Datasheet HTML 6Page - Analog Devices ADMP401-1 Datasheet HTML 7Page - Analog Devices ADMP401-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADMP401-1
Preliminary Technical Data
Rev. PrB | Page 8 of 8
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
SIDE VIEW
REFERENCE
CORNER
0.90 DIA.
(PINS 1, 5, 6)
REFERENCE
CORNER
4.82
4.72
4.62
1
3
2
4
5
6
2.62
3.30
1.02 DIA.
1.68 DIA.
0.50 DIA.
(THRU HOLE)
0.79
2.54
1.27
3.86
3.76
3.66
1.10
1.00
0.90
0.82
0.76
0.70
0.24 NOM
0.15
1.20
2.40
0.61
0.68
0.70 DIA.
(PINS 2, 4)
Figure 6. 6-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
4.72 mm × 3.76 mm Body
(CE-6-1)
Dimensions shown in millimeters
12.30
12.00
11.70
NOTES:
1. 10 SPROCKET HOLE PITCH CUMULATIVE TOLERANCE ± 0.20.
2. POCKET POSITION RELATIVE TO SPROCKET HOLE
MEASURED AS TRUE POSITION OF POCKET, NOT
POCKET HOLE.
4.80
3.20
1.50 MIN
DIA
8.00
4.00
1
1.60 MAX
1.50 NOM
A
A
SECTION A-A
2.05
2
2.00
1.95
0.20
MAX
1.30 REF
1.60
0.35
0.30
0.25
3.80
2.20
1.85
1.75
1.65
5.55
2
5.50
5.45
DETAIL A
0.50 R
0.25
0.25
DETAIL A
Figure 7. LGA_CAV Tape and Reel Outline Dimensions
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Ordering Quantity
ADMP401-1ACEZ-RL1
−40°C to +85°C
6-Terminal LGA_CAV, 13”Tape and Reel
CE-6-1
4,000
ADMP401-1ACEZ-RL71
−40°C to +85°C
6-Terminal LGA_CAV, 7”Tape and Reel
CE-6-1
1,000
1 Z = RoHS Compliant Part.
©2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR07712-0-10/08(PrB)


Số phần tương tự - ADMP401-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP401ACEZ-RL AD-ADMP401ACEZ-RL Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP401ACEZ-RL7 AD-ADMP401ACEZ-RL7 Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
More results

Mô tả tương tự - ADMP401-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TDK Electronics
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
logo
Analog Devices
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP404 AD-ADMP404 Datasheet
370Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
logo
TDK Electronics
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
logo
Analog Devices
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
   Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
   Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
   Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com