công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34674 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC34674
Giải thích chi tiết về linh kiện  High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34674 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34674_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34674_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34674
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 10. VBAT vs Temperature
VIN = 5.0 V, ICHG = 650 mA, IBAT = 100 mA
Figure 11. Constant Charge Current vs Temperature
ICHG = 650 mA, VIN = 5.0 V, VBAT = 3.9 V
Figure 12. Trickle Charge Current vs Temperature
ICHG = 650 mA, VIN = 5.0 V, VBAT = 2 V
Figure 13. RDS(ON) vs Temperature
ICHG =650 mA, VBAT = 4.0 V, IBAT = 600 mA
Figure 14. Recharge Voltage Threshold vs Temperature
VIN = 5.0 V, ICHG = 650 mA
Figure 15. BAT Pin Supply Current vs Temperature
ICHG = 650 mA, VBAT = 5.0 V
-40
-20
0
2040
6080
4.180
4.185
4.190
4.195
4.200
4.205
4.210
Temperature (°C)
-40
-20
0
2040
6080
580
600
620
640
660
680
Temperature (°C)
-40
-20
0
20
40
60
80
50
55
60
65
70
75
80
Temperature (°C)
-40
-20
0
2040
6080
200
250
300
350
400
450
Temperature (°C)
-40
-20
0
2040
6080
4.04
4.06
4.08
4.10
4.12
4.14
4.16
Temperature (°C)
-40
-20
0
2040
6080
-1
0
1
2
3
4
V
IN
= 5V, Charger Disabled
Temperature (°C)
VIN Pin Not Powered


Số phần tương tự - MC34674_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34674A FREESCALE-MC34674A Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674B FREESCALE-MC34674B Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674C FREESCALE-MC34674C Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674D FREESCALE-MC34674D Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
More results

Mô tả tương tự - MC34674_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com