công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADE5169ASTZF62-RL bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADE5169ASTZF62-RL
Giải thích chi tiết về linh kiện  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADE5169ASTZF62-RL bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADE5169ASTZF62-RL Datasheet HTML 4Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 5Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 6Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 7Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 8Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 9Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 10Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 11Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 8 of 148
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY INPUTS
VDD
3.13
3.3
3.46
V
VBAT
2.4
3.3
3.7
V
INTERNAL POWER SUPPLY SWITCH (VSWOUT)
VBAT to VSWOUT On Resistance
12
Ω
VBAT = 2.4 V
VDD to VSWOUT On Resistance
9
Ω
VDD = 3.13 V
VBAT to/from VDD Switching Open Time
40
ns
BCTRL State Change and Switch Delay
18
μs
VSWOUT Output Current Drive
6
mA
POWER SUPPLY OUTPUTS
VINTA
2.3
2.70
V
VINTD
2.3
2.70
V
VINTA Power Supply Rejection
60
dB
VINTD Power Supply Rejection
50
dB
POWER SUPPLY CURRENTS
Current in Normal Mode (PSM0)
4.4
5.3
mA
fCORE = 4.096 MHz, LCD and meter active
2.2
mA
fCORE = 1.024 MHz, LCD and meter active
1.6
mA
fCORE = 32.768 kHz, LCD and meter active
3
3.9
mA
fCORE = 4.096 MHz, metering ADC and DSP
powered down
Current in PSM1
3.3
5.05
mA
fCORE = 4.096 MHz, LCD active, VBAT = 3.7 V
1
mA
fCORE = 1.024 MHz, LCD active
Current in PSM2
38
μA
LCD active with charge pump at 3.3 V + RTC,
VBAT = 3.3 V
1.7
μA
RTC only, TA = 25°C, VBAT = 3.3 V
1 Specifications guaranteed by design.
2 Endurance is qualified as per JEDEC Standard 22 Method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
3 Retention lifetime equivalent at junction temperature (TJ) = 85°C as per JEDEC Standard 22 Method A117. Retention lifetime derates with junction temperature.
4 Recommended crystal specifications.
5 Test carried out with all the I/Os set to a low output level.
6 Delay between power supply valid and execution of first instruction by 8052 core.


Số phần tương tự - ADE5169ASTZF62-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADE5169ASTZF62-RL AD-ADE5169ASTZF62-RL Datasheet
1Mb / 148P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrB
ADE5169ASTZF62-RL AD-ADE5169ASTZF62-RL Datasheet
2Mb / 156P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results

Mô tả tương tự - ADE5169ASTZF62-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
Rev. PrD 09/06
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7566 AD-ADE7566_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7569 AD-ADE7569_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE5166 AD-ADE5166 Datasheet
1Mb / 148P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com